Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVM16 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # HVM16
Description  High voltage silicon diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

HVM16 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  HVM16 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HVM16 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HVM16 DO-722
1/ 2
www.yfwdiode.com
GuangDong YFW Electronics Co, Ltd.
High voltage silicon diodes
Reverse Voltage – 16kV
Forward Current –350mA
FEATURES
High reliability
MECHANICAL DATA
Case: Molded Plastic Body
Epoxy meets UL 94V-0 flammability rating
Terminals: Pure tin plated leads, solderable per J-STD-002
and JESD22-B102, E3 suffix for consumer grade, meet
JESD201class 1A whisker test.
Polarity: Color band denotes cathode end
DO-722
Maximum rating (Ta=25°C unless otherwise noted)
Notes :Cooling Requirement: Cathode terminal is fastened to radiating fin that size is more than 50mm×50mm×0.6mm
Wind-cooled velocity is more than 0.5m/s.
Parameter
Symbol
HVM16
Unit
Repetitive peak reverse voltage
VRRM
16
KV
Average forward
current
60HZ half-sine wave,
Resistance load, Ta≤60°C
IF(AV)
350
mA
Surge(Non-
repetitive)forward
current
60HZ half-sine
wave,1cycle,Ta=25°C
IFSM
30
A
Reverse surge current
Wp=1ms,Rectangular-
wave,One-shot,Ta=25°C
IRSM
100
mA
Peak forward voltage
IFM=350mA
VFM
≤14
V
Peak reverse current VRM=VRRM
IRRM1
≤5
μA
Avalanche breakdown
voltage
IR=100uA
V(BR)
≥16.5
KV
Storage Temperature Range
Tstg
-40 ~ +130
°C
Virtual junction temperature
T(vj)
130
°C


Similar Part No. - HVM16

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HVM16 RECTRON-HVM16 Datasheet
224Kb / 2P
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes)
logo
Dc Components
HVM16 DCCOM-HVM16 Datasheet
389Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE ASSEMBLIED RECTIFIER
logo
Hitachi Semiconductor
HVM16 HITACHI-HVM16 Datasheet
25Kb / 5P
Variable Capacitance Diode for FM tuner
logo
Leshan Radio Company
HVM16 LRC-HVM16 Datasheet
51Kb / 2P
HIGH-VOLTAGE DIODES
logo
Renesas Technology Corp
HVM16 RENESAS-HVM16 Datasheet
142Kb / 5P
Variable Capacitance Diode for FM tuner
More results

Similar Description - HVM16

ManufacturerPart #DatasheetDescription
logo
Semikron International
BV8 SEMIKRON-BV8_06 Datasheet
55Kb / 2P
High voltage silicon rectifier diodes
logo
Diotec Semiconductor
BY4 DIOTEC-BY4_11 Datasheet
98Kb / 2P
High Voltage Silicon Rectifier Diodes
logo
Central Semiconductor C...
CMKD6263 CENTRAL-CMKD6263_15 Datasheet
499Kb / 2P
HIGH VOLTAGE SILICON SCHOTTKY DIODES
CMKD6263DO CENTRAL-CMKD6263DO_15 Datasheet
495Kb / 2P
HIGH VOLTAGE SILICON SCHOTTKY DIODES
logo
GETAI ELECTRONICS DEVIC...
CL01-12 GETEDZ-CL01-12 Datasheet
498Kb / 2P
High Voltage Silicon Rectifiers Diodes
logo
SiPower Inc.
2CL3520H SIPOWER-2CL3520H Datasheet
75Kb / 3P
High Voltage Silicon Diodes
2CL3520HR SIPOWER-2CL3520HR Datasheet
75Kb / 3P
High Voltage Silicon Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL3516 YFWDIODE-2CL3516 Datasheet
401Kb / 2P
High voltage silicon diodes
2CL7516 YFWDIODE-2CL7516 Datasheet
400Kb / 2P
High voltage silicon diodes
HVM12 YFWDIODE-HVM12 Datasheet
401Kb / 2P
High voltage silicon diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com