Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC213A-SMSC-R2 Datasheet(PDF) 3 Page - Black Box Registered Trademark

Part # LMC213A-SMSC-R2
Description  FlexPoint Modular Media Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

LMC213A-SMSC-R2 Datasheet(HTML) 3 Page - Black Box Registered Trademark

  LMC213A-SMSC-R2 Datasheet HTML 1Page - Black Box Registered Trademark LMC213A-SMSC-R2 Datasheet HTML 2Page - Black Box Registered Trademark LMC213A-SMSC-R2 Datasheet HTML 3Page - Black Box Registered Trademark LMC213A-SMSC-R2 Datasheet HTML 4Page - Black Box Registered Trademark LMC213A-SMSC-R2 Datasheet HTML 5Page - Black Box Registered Trademark LMC213A-SMSC-R2 Datasheet HTML 6Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
724-746-5500
blackbox.com
BLACK BOX®
3 of 6
05/14/2010
#24868
For fiber, these converters use ST connectors. They come in
850-nm multimode, 1300-nm multimode, and 1300-nm single-
mode models. The fiber length is limited to 1.2 miles (1.9 km)
per IEEE 802.3 timing.
On the coax side, the converters have BNC connectors and
support 50-ohm cable at distances of up to 607 feet (185 m). You
can connect up to 30 workstations to this segment per the 802.3
IEEE standard.
A switch-selectable terminator is built in.
10BASE-T to 10BASE-FL
These media converters join unshielded twisted-pair (UTP)
and fiber LANs into one network. They support half- and full-duplex
(10- and 20-Mbps) operation.
For fiber, these converters use SC or ST® connectors in 850-nm
multimode, 1300-nm multimode, 1300-nm single-mode, or 1550-nm
single-mode.
For UTP, these media converters use an EIA/TIA modular 568
RJ-45 connector and support Category 3, 4, and 5 wiring, connecting
at distances up to 328 feet (100 m).
10BASE-T to 10BASE-FL converters also correct wiring-polarity
reversals and eliminate crossed cables with a crossover switch.
100BASE-TX to 100BASE-FX
This group of media converters connects Fast Ethernet 100BASE-
FX fiber to 100BASE-TX UTP LANs. They use auto-negotiation for
full- and half-duplex operation and can handle numerous fiber types.
These converters auto-adapt to the highest performance level
supported by the device that is connected to the UTP port. When the
device supports full-duplex, the converter adapts to full-duplex mode
and creates a 200-Mbps bandwidth. When the connected device
supports only half-duplex, the converter adapts to this mode and
creates a 100-Mbps bandwidth. Full- and half-duplex operation
can also be controlled by a manual override switch.
The fiber side of these converters operates at 1300 nm or 1500
nm and uses ST or SC connectors. Multimode models can support
distances of up to 1.2 miles (2 km), and the single-mode models
can operate at distances of 68.4 miles (110 km).
The UTP port, which supports distances of up to 328 feet
(100 m), has a modular 568 RJ-45 connector for Category 5 wiring.
A crossover switch eliminates the need for crossed cables.
Gigabit UTP to Fiber
Use FlexPoint Gigabit UTP to Fiber Media Converters to convert
Gigabit Ethernet 1000BASE-T unshielded twisted-
pair (UTP) cable to 1000BASE-SX single- or 1000BASE-LX multimode
fiber. The converters comply with the IEEE 802.ab standard.
The converters auto-adapt to the full-/half-duplex and flow-control
services supported by the device connected to its UTP port. User-
selectable override options set the desired mode.
The converters operate in full-duplex to provide an effective
2-Gbps data rate or in half-duplex mode to provide a 1-Gbps rate.
This maximizes the throughput when connecting to high-bandwidth
full-duplex services such as servers or switches.
Network flow control is supported via an auto-selected or user-
selected “Pause” function that helps relieve network congestion
by providing “backpressure” to the sending device.
The converter supports 850-nm (SX), 1300-nm (LX), or 1550-nm
fiber and uses SC, MT-RJ, or LC connectors. The Multimode SX
supports distances of up to 722 feet (220 m); the single-mode models
support distances of up to 40.4 miles (65 km).
User-selectable Link Propagation is available for Spanning-Tree
redundant network architectures as well as for connecting to SNMP
or other network-managed devices that monitor link availability.
A user-selectable override is provided to isolate the link detection
to a per-segment basis.
The converter’s UTP port uses a modular EIA/TIA 568 RJ-45
connector and supports Category 5 or higher wiring with distances
of up to 328 feet (100 m). Automatic polarity detection and correction
assists in network installation and maintenance.
Token Ring UTP/Fiber
For Token Ring LANs with fiber-to-copper conversions, these
models automatically sense and configure themselves to the network
ring speed. They also self-configure to attached devices through an
automatic sensing circuit.
The UTP port can attach to a workstation’s network interface card,
ring-in/ring-out port, or lobe. This converter can also support server
or workstation fiber attachments and fiber ring extensions.
Category 3, 4, and 5 wiring can be used. At 16 Mbps, Category 5
wiring can support distances of 492.1 feet (150 m). At 4 Mbps,
Category 5 wiring will support distances of 1604.4 feet (489 m). With
fiber, the converter supports 1.6 miles (2.6 km) using multimode fiber
and 12.4 miles (20 km) using single-mode fiber.
These models also test cable integrity in the network.
100-Mbps Fiber-to-Fiber Mode Converters
Multimode-to-Single-Mode converters connect to the network
over multimode fiber. But between Media Converters, they connect
with single-mode fiber to give you distances up to 36.1 miles
(58.1 km).
Multimode-to-Multimode versions extend your network up to
3.1 miles (5 km).
100-Mbps Fiber-to-Fiber Mode Converters support Token Ring,
Ethernet, and Fast Ethernet.
1000-Mbps Multimode-to-Single-Mode
1000-Mbps Multimode-to-Single-Mode converters connect
to the network over multimode fiber and extend the network with
single-mode fiber. They support single-mode distances up to 31.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com