Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC212A-MM-R3 Datasheet(PDF) 5 Page - Black Box Registered Trademark

Part # LMC212A-MM-R3
Description  FlexPoint Modular Media Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

LMC212A-MM-R3 Datasheet(HTML) 5 Page - Black Box Registered Trademark

  LMC212A-MM-R3 Datasheet HTML 1Page - Black Box Registered Trademark LMC212A-MM-R3 Datasheet HTML 2Page - Black Box Registered Trademark LMC212A-MM-R3 Datasheet HTML 3Page - Black Box Registered Trademark LMC212A-MM-R3 Datasheet HTML 4Page - Black Box Registered Trademark LMC212A-MM-R3 Datasheet HTML 5Page - Black Box Registered Trademark LMC212A-MM-R3 Datasheet HTML 6Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
724-746-5500
blackbox.com
BLACK BOX®
5 of 6
05/14/2010
#24868
LMC200:
shown with modules
LMC205:
shown with modules
Item
Code
FlexPoint 14-Slot Power Chassis
Single Power Supply
115–230 VAC
LMC200
48 VDC
LMC200a-DC
Dual Power Supply
115–230 VAC
LMC200-2Ps
48 VDC
LMC200a-2Ps-DC
5-Position Rackmounting Kit—Nonpowered Rack
Holds up to Five FlexPoint Media Converters
LMC205
Wallmounting Hardware for Single
FlexPoint Media Converter
LMC206-WaLL
FlexPoint Media Converter Modules
ThinNet
10BASE-T/BNC
LMC210a
10BASE-FL/BNC
850-nm, Multimode, 2 km
ST
LMC211a-MM
1300-nm, Multimode, 2 km
ST
LMC211a-13MM
1300-nm, Single-Mode, 2 km
ST
LMC211a-sM
10-Mbps UTP to Fiber
10BASE-T to 10BASE-FL
850-nm, Multimode, 2 km
ST
LMC212a-MM-r3
SC
LMC212a-MM-sC-r2
1300-nm, Multimode, 5 km
ST
LMC212a-13MM-r2
1300-nm, Multimode, 15 km
ST
LMC212a-sM-r3
1300-nm, Single-Mode, 28 km
ST
LMC212a-sM-LH-r2
1550-nm, Single-Mode, 85 km
SC
LMC212a-sM-XLH
1550-nm, Single-Mode, 110 km
SC
LMC212a-sM-sLH
100-Mbps UTP to Fiber
100BASE-TX to 100BASE-FX
1300-nm, Multimode, 2 km Full Duplex, 412 m
Half-Duplex
ST
LMC213a-MMsT-r2
SC
LMC213a-MMsC-r2
MT-RJ
LMC213a-MMrJ
1300-nm, Single-Mode, 25 km
ST
LMC213a-sMsT-r2
SC
LMC213a-sMsC-r2
MT-RJ
LMC213a-sMrJ
1550-nm, Single-Mode, 85 km
SC
LMC213a-sM-XLH-r2
1550-nm, Single-Mode, 110 km
SC
LMC213a-sM-sLH-r2
1300-nm, Single-Mode Plus, 58 km
ST
LMC214a-sTP-r2
SC
LMC214a-sCP-r2
Item
Code
FlexPoint Media Converter Modules (Continued)
Gigabit UTP to Fiber
1000BASE-T to 1000BASE-SX (UTP to Fiber)
850-nm, Multimode, 220 m
MT-RJ
LMC1007a-r3
SC
LMC1003a-r3
1000BASE-T to 1000BASE-LX
1300-nm, Single-Mode, 10 km
SC
LMC1004a-r3
Token Ring UTP/Fiber
850-nm, Multimode, 2.5 km
LTM215a-MM
1300-nm, Single-Mode, 20 km
LTM215a-sM
100-Mbps Fiber-to-Fiber Mode Converters
1300-nm Multimode to 1300-nm Single-Mode,
5 km–28 km
ST to ST
LMC250a-sT
SC to SC
LMC250a
850-nm Multimode to 1300-nm Single-Mode,
500 m–28 km
ST to ST
LMC251a-sT
SC to SC
LMC251a-sC
1300-nm Multimode to 100BASE-FX 1300-nm
Single-Mode, 5 km Multimode to 58 km Single-Mode
ST to ST
LMC250a-sT-LH
SC to SC
LMC250a-LH
850-nm Multimode to 100BASE-FX (SX) 1300-nm
Single-Mode, 5 km Multimode to 58 km Single-Mode
ST to ST
LMC251a-sT-LH
SC to ST
LMC251a-sC-LH
1300-nm Multimode to 1300-nm Multimode, 5 km to
5 km Full Duplex, 412 m to 412 m Half-Duplex
ST to ST
LMC253a-sT
SC to SC
LMC253a-sC
850-nm Multimode to 1300-nm Multimode, 5 km to
5 km Full Duplex, 412 m to 412 m Half-Duplex
ST to ST
LMC252a-sT
SC to SC
LMC252a-sC
LMC206-WALL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com