Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8786GEDS/V Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8786GEDS/V
Description  24-Bit, 192kHz Stereo ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8786GEDS/V Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8786GEDS/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Pre-Production
WM8786
w
PP Rev 3.0 December 2005
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
VMID
OSR0
OSR1
DVDD
DGND
AINR+
AINR-
AINL-
VREF
DOUT
LRCLK
AGND
AVDD
AINL+
VREFGND
BCLK
13
14
15
16
17
20
19
18
9
10
MCLK
MS0
AUDIOF0
AUDIOF1
11
12
ORDERING INFORMATION
ORDER CODE
TEMPERATURE
RANGE
PACKAGE
MOISTURE SENSITIVITY
LEVEL
PEAK SOLDERING
TEMPERATURE
WM8786GEDS/V
-25
°C to +85°C
20-pin SSOP
(Pb-free)
MSL3
260
oC
WM8786GEDS/RV
-25
°C to +85°C
20-pin SSOP,
(Pb-free, tape and reel)
MSL3
260
oC
Note:
Reel quantity = 2,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com