Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50N03. Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # 50N03.
Description  N-Channel 30 V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

50N03. Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  50N03. Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd 50N03. Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Source Drain Diode Forward Voltage
Threshold Voltage
Drain Source Breakdown vs. Junction Temperature
10
100
1000
10000
0.5
0.9
1.3
1.7
2.1
2.5
-50 -25
0
255075
100 125 150 175
Axis Title
T
J - Junction Temperature (°C)
2nd line
I
D = 30 A
V
GS = 10 V
V
GS = 4.5 V
10
100
1000
10000
0
0.01
0.02
0.03
0.04
0.05
02468
10
Axis Title
V
GS - Gate-to-Source Voltage (V)
2nd line
T
J = 25 °C
T
J = 150 °C
10
100
1000
10000
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
Axis Title
V
SD - Source-to-Drain Voltage (V)
2nd line
T
J = 150 °C
T
J = 25 °C
10
100
1000
10000
-1.4
-1.0
-0.6
-0.2
0.2
0.6
-50 -25
0
25
50
75
100 125 150 175
Axis Title
T
J - Temperature (°C)
2nd line
I
D = 5 mA
I
D = 250 μA
10
100
1000
10000
40
43
46
49
52
55
-50 -25
0
255075
100 125 150 175
Axis Title
T
J - Junction Temperature (°C)
2nd line
I
D = 1 mA
www.VBsemi.com
m
m
m
m
m
m
m
m
m
服务热线:400-655-8788
50N03.
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com