Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

750MS Datasheet(PDF) 2 Page - DB Lectro Inc

Part # 750MS
Description  SERIES-750 MS CIRCULAR COUPLING CONNECTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

750MS Datasheet(HTML) 2 Page - DB Lectro Inc

  750MS Datasheet HTML 1Page - DB Lectro Inc 750MS Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data
SERVICE RATING
INST
A
D
E
B
C
Test Voltage at Sea level VAC (rms)
1000
2000
2800
3500
4500
7000
Rated Working Voltage -DC
at sea level AC (rms)
250
200
700
500
1250
900
1750
1250
2450
1750
4200
3000
Effectivr Creepage - Inch
(nominal) - mm
1/16
1.57
1/8
3.18
3/16
4.75
1/4
6.35
5/16
7.92
1
25.40
Mechanical Spacing - Inch
(nominal) - mm
-
-
1/16
1.57
1/8
3.18
3/16
4.75
1/4
6.35
5/16
7.92
CONTACT
SIZE
WIRE SIZE
Dia (mm)
OD OF INSULATED WIRE
MAXIMUM
TEST CURRENT
Amps
RATED
CURRENT
Amps
Max. (mm)
Min. (mm)
16
0.80
1.00
1.25
3.30
1.63
22
13
12
1.60
2.00
4.32
2.90
41
23
8
2.50
3.15
6.48
4.17
73
46
4
4.00
5.00
9.40
6.90
135
80
0
6.30
8.00
13.98
10.55
245
150
GENERAL SPECIFICATION
Shell Housing
Aluminium Alloy
Plating
Olive Drab Cadmium
Insulator
Polychloroprene
Contact Material
Copper Base Alloy - Silver Plated
Mating Cycle
500
Operating Temperature
- 55 °C / + 125 °C
Insulation Resistance
Min. 5000 Meg Ohms at 500 VDC
Current Rating
Upto 150 Amps. (Depends on Contact Arrangement )
Working Voltage
200 to 3000 VAC rms ( Depends on Contact Arrangement )
Wire Termination
Solder Type
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com