Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS1200PSTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # AIS1200PSTR
Description  MEMS acceleration sensor: single-axis with PSI5 point-to-point interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS1200PSTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AIS1200PSTR Datasheet HTML 5Page - STMicroelectronics AIS1200PSTR Datasheet HTML 6Page - STMicroelectronics AIS1200PSTR Datasheet HTML 7Page - STMicroelectronics AIS1200PSTR Datasheet HTML 8Page - STMicroelectronics AIS1200PSTR Datasheet HTML 9Page - STMicroelectronics AIS1200PSTR Datasheet HTML 10Page - STMicroelectronics AIS1200PSTR Datasheet HTML 11Page - STMicroelectronics AIS1200PSTR Datasheet HTML 12Page - STMicroelectronics AIS1200PSTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DocID024648 Rev 4
9/21
AIS1200PS
Mechanical and electrical specifications
2.3
Control timing
Table 5. Control timing
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit
fc
Bessel filter cutoff frequency
-3 dB
157
175
193
Hz
Att
Signal attenuation
1 kHz
-26
-20
dB
2 kHz
-38
-35
fosc
Internal oscillator frequency
11.63
12.25
12.9
MHz
tref
Refresh period
212
224
236
s
Tbit
Bit duration
125 kbps
7.6
8
8.4
s
DC
Duty cycle
(tfall,80 - trise,20)/Tbit
(tfall,20 - trise,80)/Tbit
47
50
53
%
Tdelay Signal processing time(2)(3)
1.31
ms
Tset
Settling time for quiescent current
I = IQ ± 2 mA
5
ms
Treset Recovery time after high-g shock(3)
10
ms
TTH
Undervoltage reset delay
Ramping BUSIN from 16 V to 0 V
over 2
s
200
s
TRJ
Microcut rejection time(3)
Ramping BUSIN from 16 V to 0 V
over 2
s
10
s
1. Creg = 1.0 F ± 40%, ceramic, Cauth = 0.047 F ± 50%, ceramic.
2. Bessel filter =1.24 ms, [SAR A/D + C/V + Gain] = 0.07 ms.
3. Verified by characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com