Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23ABS1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # MP23ABS1
Description  High-performance MEMS audio sensor: single-ended analog bottom-port microphone
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23ABS1 Datasheet(HTML) 5 Page - STMicroelectronics

  MP23ABS1 Datasheet HTML 1Page - STMicroelectronics MP23ABS1 Datasheet HTML 2Page - STMicroelectronics MP23ABS1 Datasheet HTML 3Page - STMicroelectronics MP23ABS1 Datasheet HTML 4Page - STMicroelectronics MP23ABS1 Datasheet HTML 5Page - STMicroelectronics MP23ABS1 Datasheet HTML 6Page - STMicroelectronics MP23ABS1 Datasheet HTML 7Page - STMicroelectronics MP23ABS1 Datasheet HTML 8Page - STMicroelectronics MP23ABS1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DocID031167 Rev 6
5/15
MP23ABS1
Acoustic and electrical specifications
15
2.2
Frequency response
Figure 2. Typical free-field frequency response normalized at 1 kHz
Table 4. Frequency response mask
Frequency (Hz)
LSL
USL
Unit
35
-2
0
dBr 1kHz
100
-1.5
0.5
dBr 1kHz
900
-1
1
dBr 1kHz
1000
0
0
dBr 1kHz
1100
-1
1
dBr 1kHz
8000
-1
4
dBr 1kHz
15000
0
9
dBr 1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com