Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STISO621TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STISO621TR
Description  Dual channel digital isolator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STISO621TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STISO621TR Datasheet HTML 9Page - STMicroelectronics STISO621TR Datasheet HTML 10Page - STMicroelectronics STISO621TR Datasheet HTML 11Page - STMicroelectronics STISO621TR Datasheet HTML 12Page - STMicroelectronics STISO621TR Datasheet HTML 13Page - STMicroelectronics STISO621TR Datasheet HTML 14Page - STMicroelectronics STISO621TR Datasheet HTML 15Page - STMicroelectronics STISO621TR Datasheet HTML 16Page - STMicroelectronics STISO621TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Figure 6. SO8 wide package recommended footprint
Table 11. SO8 narrow package dimensions
Symbol
Min.
Nom.
Max.
A
1.35
1.75
A1
0.10
0.25
b
0.35
0.49
c
0.19
0.25
D
4.80
5.00
e
1.27BSC
E1
3.80
4.00
E
5.80
6.20
L
0.40
1.25
h
0.25
0.50
θ
0°
7°
STISO621
Package mechanical data
DS13394 - Rev 3
page 13/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com