Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40150C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS40150C
Description  150 V power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40150C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS40150C Datasheet HTML 1Page - STMicroelectronics STPS40150C Datasheet HTML 2Page - STMicroelectronics STPS40150C Datasheet HTML 3Page - STMicroelectronics STPS40150C Datasheet HTML 4Page - STMicroelectronics STPS40150C Datasheet HTML 5Page - STMicroelectronics STPS40150C Datasheet HTML 6Page - STMicroelectronics STPS40150C Datasheet HTML 7Page - STMicroelectronics STPS40150C Datasheet HTML 8Page - STMicroelectronics STPS40150C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Figure 7. Forward voltage drop versus forward current
(per diode)
IF(A)
0.1
1.0
10.0
100.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Tj = 125 °C
(typical values)
Tj = 125 °C
(maximum values)
Tj = 25 °C
(maximum values)
VF(V)
Figure 8. Thermal resistance junction to ambient versus
copper surface under tab
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
Rth(j-a) (°C/W)
D²PAK
Epoxy printed board FR4, copper thickness = 35 µm
SCu(cm²)
STPS40150C
Characteristics (curves)
DS3262 - Rev 2
page 4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com