Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5H100AF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS5H100AF
Description  High voltage power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5H100AF Datasheet(HTML) 1 Page - STMicroelectronics

  STPS5H100AF Datasheet HTML 1Page - STMicroelectronics STPS5H100AF Datasheet HTML 2Page - STMicroelectronics STPS5H100AF Datasheet HTML 3Page - STMicroelectronics STPS5H100AF Datasheet HTML 4Page - STMicroelectronics STPS5H100AF Datasheet HTML 5Page - STMicroelectronics STPS5H100AF Datasheet HTML 6Page - STMicroelectronics STPS5H100AF Datasheet HTML 7Page - STMicroelectronics STPS5H100AF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
January 2017
DocID029499 Rev 1
1/8
This is information on a product in full production.
www.st.com
STPS5H100AF
High voltage power Schottky rectifier
Datasheet - production data
Features
Negligible switching losses
High junction temperature capability
Low leakage current
Good trade-off between leakage current and
forward voltage drop
Avalanche specification
ECOPACK® compliant component
Description
This high voltage Schottky barrier rectifier device
is packaged in SOD128Flat and designed for
high frequency miniature switched mode power
supplies and for board DC to DC converters.
Table 1: Device summary
Symbol
Value
IF(AV)
5 A
VRRM
100 V
Tj(max.)
175 °C
VF(typ.)
0.51 V
SOD128Flat
A
K


Similar Part No. - STPS5H100AF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5H100AFY STMICROELECTRONICS-STPS5H100AFY Datasheet
312Kb / 8P
Automotive high voltage power Schottky rectifier
June 2016
More results

Similar Description - STPS5H100AF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS30150CT STMICROELECTRONICS-STPS30150CT Datasheet
93Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com