Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40150CW Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS40150CW
Description  150 V power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40150CW Datasheet(HTML) 2 Page - STMicroelectronics

  STPS40150CW Datasheet HTML 1Page - STMicroelectronics STPS40150CW Datasheet HTML 2Page - STMicroelectronics STPS40150CW Datasheet HTML 3Page - STMicroelectronics STPS40150CW Datasheet HTML 4Page - STMicroelectronics STPS40150CW Datasheet HTML 5Page - STMicroelectronics STPS40150CW Datasheet HTML 6Page - STMicroelectronics STPS40150CW Datasheet HTML 7Page - STMicroelectronics STPS40150CW Datasheet HTML 8Page - STMicroelectronics STPS40150CW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values, per diode at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
150
V
IF(RMS)
Forward rms current
60
A
IF(AV)
Average forward current, δ = 0.5, square wave
TC = 150 °C
Per diode
20
A
TC = 145 °C
Per device
40
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
250
A
PARM
Repetitive peak avalanche power
tp = 10 µs, Tj = 125 °C
1015
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature(1)
+175
°C
1. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal resistance parameters
Symbol
Parameter
Value
Unit
Max.
Rth(j-c)
Junction to case
Per diode
1.20
°C/W
Total
0.85
Rth(c)
Coupling
0.50
°C/W
When the diodes 1 and 2 are used simultaneously:
ΔTj (diode1) = P(diode1) x Rth(j-c) (per diode) + P(diode2) x Rth(c)
Table 3. Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR (1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
2
8
µA
Tj = 125 °C
-
2
11
mA
VF (2)
Forward voltage drop
Tj = 25 °C
IF = 20 A
-
0.92
V
Tj = 125 °C
-
0.69
0.75
Tj = 25 °C
IF = 40 A
-
1.00
Tj = 125 °C
-
0.79
0.86
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp =380 µs, δ < 2%
To evaluate the conduction losses, use the following equation: P = 0.64 x IF(AV) + 0.0055 x IF 2 (RMS)
For more information, please refer to the following application notes related to the power losses :
•
AN604: Calculation of conduction losses in a power rectifier
•
AN4021: Calculation of reverse losses on a power diode
STPS40150C
Characteristics
DS3262 - Rev 2
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com