Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010H Datasheet(PDF) 49 Page - STMicroelectronics

Part # TSC2010H
Description  High temperature, high voltage, precision, bidirectional current sense amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010H Datasheet(HTML) 49 Page - STMicroelectronics

Back Button TSC2010H Datasheet HTML 42Page - STMicroelectronics TSC2010H Datasheet HTML 43Page - STMicroelectronics TSC2010H Datasheet HTML 44Page - STMicroelectronics TSC2010H Datasheet HTML 45Page - STMicroelectronics TSC2010H Datasheet HTML 46Page - STMicroelectronics TSC2010H Datasheet HTML 47Page - STMicroelectronics TSC2010H Datasheet HTML 48Page - STMicroelectronics TSC2010H Datasheet HTML 49Page - STMicroelectronics TSC2010H Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
Figure 51.
ON/OFF delay for shutdown mode ..................................................... 23
Figure 52.
Output voltage vs. Vsense beyond the sense operating ........................................ 23
Figure 53.
Power-up time delay ............................................................... 23
Figure 54.
Power supply when Vicm > Vcc ........................................................ 24
Figure 55.
Input bias current vs. common mode voltage Vcc = 5 V ....................................... 25
Figure 56.
Power supply when Vicm < Gnd ....................................................... 25
Figure 57.
Vref powered by an external voltage source ............................................... 26
Figure 58.
Output reference to ground .......................................................... 27
Figure 59.
Output reference to Vcc ............................................................. 27
Figure 60.
Split supply ..................................................................... 28
Figure 61.
External supply................................................................... 28
Figure 62.
Schematic for Vocm error ............................................................ 30
Figure 63.
Input current..................................................................... 31
Figure 64.
SHDN pin ...................................................................... 33
Figure 65.
Capacitive load response at Vcc = 3.3 V.................................................. 33
Figure 66.
Capacitive load response at Vcc = 3.3 V with a step of 100 mV .................................. 34
Figure 67.
RC filter when driving ADC........................................................... 34
Figure 68.
Capacitive load response at Vcc = 3.3 V with 720 kHz RC filter .................................. 35
Figure 69.
Capacitive load response at Vcc = 3.3 V with 194 kHz RC filter .................................. 35
Figure 70.
Stability criteria with a serial resistor at VCC = 5 V ........................................... 35
Figure 71.
Start-up time with a decoupling capacitance of 100 nF........................................ 36
Figure 72.
Recommended layout .............................................................. 37
Figure 73.
EMIRR on pin+ ................................................................... 38
Figure 74.
EMIRR on pin- ................................................................... 38
Figure 75.
EMIRR on pin+ (TSC2010H) ......................................................... 38
Figure 76.
EMIRR on pin- (TSC2010H) .......................................................... 38
Figure 77.
Negative overvoltage recovery VCC = ± 2.5 V .............................................. 39
Figure 78.
Positive overvoltage recovery VCC = ± 2.5 V............................................... 39
Figure 79.
H-bridge application ............................................................... 40
Figure 80.
TSC2011H H-bridge application ....................................................... 41
Figure 81.
Solenoid valve application ........................................................... 42
Figure 82.
SO8 package outline ............................................................... 43
TSC2010H, TSC2011H, TSC2012H
List of figures
DS13791 - Rev 1
page 49/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com