Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSJ-J-R Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # RSJ-J-R
Description  Round Hole Panel Jacks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

RSJ-J-R Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  RSJ-J-R Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Example: RSJ-J-R, round face, round hole panel jack for use
with Type J standard connector.
* Also available in male configurations
Round Hole Panel Jacks
Type RSJ Standard Size
Type RMJ Miniature Size
U
Standard Accepts All
Industry Standard Size
Connectors
U
Miniature Accepts All
Industry Miniature Size
Connectors
U
Mounts in Round or “D”
Punch Holes
U
Square or Round Bezel
to Match Your Panel
Components
U
Polarity Keyed
U
Color-Coded
U
No Filing Required
U
Glass-Filled Nylon
Rated From -29 to 180°C
(-20 to 356°F)
Easy Installation
No special tooling is required for installation. Just
drill or punch a round hole in your panel and tighten
the supplied nut. Ideal for single- circuit applications
where the connector must blend with existing
instrumentation. Thermocouple circuits can be added
to existing panels with only minimal interruption of
operations. A choice of either square or round face is
available to match the design lines of your installation.
Thermocouple grade alloys used to form the contacts
preserve the accuracy of the circuit even in changing
ambient temperatures.
Rear View
20.6 mm (0.81")
Square Bezel
16.0 mm
(0.63")
Dia
Cutout
20.6 mm
(0.81")
Dia Bezel
Combination
Phillips/
Slot Screw
Free Mounting
Nut Included
28.7 mm (1.13")
Dia. Bezel
Rear
View
22.4 mm (0.88")
Dia. Cutout
Extra standard
size mounting
nuts, MH-RSJ-5,
pkg of 5
28.7 mm
(1.13")
Square
Bezel
Ordering Example: RMJ-K-S, square face, round hole panel jack for
use with Type K miniature connector.
Nut Included
5
⁄8-24 NEF THD.
Accepts Standard Size Connectors
Accepts Miniature Size Connectors
G-43
Front Mount
Hardware
Included
U
W
U
U
W
U
U
W
U
U
W
U
U
W
U
U
W
U
U
W
U
U
W
U
U
W
U
U
W
U
U
W
U
U
W
U
1
⁄2-14
NPSL THD.
Optional supply
of miniature size
dust caps
MPJ-CAP,
pkg of 12
We make running changes
when technical advances allow.
Check at time of ordering
for additional features.
1-10....................................
Net
11-49...................................
5%
50-99..................................
10%
100-999..............................
15%
1000-4999...........................
20%
5000 and over.....................
25%
Discount Schedule
Optional supply of
dust caps, SPJ-CAP,
pkg of 12
Note: Minor discoloration of connector
may occur between 150°C (302°F) and
180°C (356°F). Electrical properties are
not affected.
To Order
Model Number
Alloy
Square
Round
Code
Color
Face
Face
Yellow
RSJ-K-S
RSJ-K-R
Blue
RSJ-T-S
RSJ-T-R
Black
RSJ-J-S
RSJ-J-R
Purple
RSJ-E-S
RSJ-E-R
Green
RSJ-R/S-S
RSJ-R/S-R
White
RSJ-U-S
RSJ-U-R
Orange
RSJ-N-S
RSJ-N-R
To Order
Model Number
Alloy
Square
Round
Code
Color
Face
Face
Yellow
RMJ-K-S
RMJ-K-R
Blue
RMJ-T-S
RMJ-T-R
Black
RMJ-J-S
RMJ-J-R
Purple
RMJ-E-S
RMJ-E-R
Green
RMJ-R/S-S
RMJ-R/S-R
White
RMJ-U-S
RMJ-U-R
Orange
RMJ-N-S
RMJ-N-R
Red
RMJ-C-S
RMJ-C-R
Extra miniature
size mounting
nuts, MH-RMJ-5
pkg of 5
16.0 mm (0.63") Dia. Cutout
4.1 mm (0.16")


Similar Part No. - RSJ-J-R

ManufacturerPart #DatasheetDescription
logo
SUN HOLD ELECTRIC INC
RSJ-12-20-M SUNHOLD-RSJ-12-20-M Datasheet
1Mb / 2P
RSJ SERIES
RSJ-12-20-P SUNHOLD-RSJ-12-20-P Datasheet
1Mb / 2P
RSJ SERIES
RSJ-12-20-P1 SUNHOLD-RSJ-12-20-P1 Datasheet
1Mb / 2P
RSJ SERIES
RSJ-12-30-M SUNHOLD-RSJ-12-30-M Datasheet
1Mb / 2P
RSJ SERIES
RSJ-12-30-P SUNHOLD-RSJ-12-30-P Datasheet
1Mb / 2P
RSJ SERIES
More results

Similar Description - RSJ-J-R

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTJG-3-665X1 ADAM-TECH-MTJG-3-665X1 Datasheet
185Kb / 1P
MODULAR TELEPHONE JACKS GANGED JACKS, THRU HOLE & SMT-TYPE 5, N
ADC0021 ADAM-TECH-ADC0021 Datasheet
138Kb / 1P
DC POWER JACKS PC BOARD AND PANEL MOUNT
ADC-007 ADAM-TECH-ADC-007 Datasheet
214Kb / 3P
DC POWER JACKS PC BOARD AND PANEL MOUNT
ADC-010 ADAM-TECH-ADC-010 Datasheet
112Kb / 1P
DC POWER JACKS PC BOARD AND PANEL MOUNT
DJ005S ADAM-TECH-DJ005S Datasheet
129Kb / 1P
CIRCULAR DIN JACKS PC BOARD AND PANEL MOUNT
DJP-008-A ADAM-TECH-DJP-008-A Datasheet
106Kb / 1P
CIRCULAR DIN JACKS PC BOARD & PANEL MOUNT
MDJ008S ADAM-TECH-MDJ008S Datasheet
125Kb / 1P
MINI DIN JACKS PC BOARD & PANEL MOUNT
logo
Pomona Electronics
72912 POMONA-72912 Datasheet
106Kb / 1P
Panel Mt IEC1010 Banana Jacks for Sheathed Plugs
logo
List of Unclassifed Man...
6046 ETC2-6046 Datasheet
401Kb / 1P
TEST JACKS
logo
Tyco Electronics
408-10373 MACOM-408-10373 Datasheet
125Kb / 2P
SMPM Floating Panel Mount, Cable Jacks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com