Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU-5-R Datasheet(PDF) 1 Page - RAYEX ELECTRONICS CO., LTD

Part # LU-5-R
Description  LU SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

LU-5-R Datasheet(HTML) 1 Page - RAYEX ELECTRONICS CO., LTD

  LU-5-R Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD LU-5-R Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LU SERIES
RAYEX ELEC.
UL FILE NO.: E126157
CUL FILE NO.: E126157
·Subminiature relay.
·Standard type and High sensitivity type available.
·UL and CUL safety approval
·Using at microprocessor control, household security,
and peripheral equipments.
Coil Nominal
Voltage
(VDC)
Resistance Tol. 10%
±
(Ohms )
Nominal Current
(mA)
Maximum
Pick Up
Voltage (V)
Minimum
Drop Out
Voltage (V)
3
5
6
9
12
24
45
125
180
405
720
2,880
66.7
40.0
33.3
22.2
16.7
8.3
2.25
3.75
4.5
6.75
9.0
18.0
0.3
0.5
0.6
0.9
1.2
2.4
1 Form C (1PDT)
AC 120V
DC 24V
3A
3A
FEATURES
ORDERING INFORMATION
COIL DATA(0.2W, at 25 )
C
12
LU
Z
1
2
3
CONTACT RATING
1. Type
2. Nil : Standard Type
Z : Contact Terminals & Coil Terminals
arrange in one side
3. Coil Nominal Voltage


Similar Part No. - LU-5-R

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LU-5351 OSRAM-LU-5351 Datasheet
310Kb / 12P
colorless, diffused
More results

Similar Description - LU-5-R

ManufacturerPart #DatasheetDescription
logo
RFE international
CI-065-KS1-10K-M RFE-CI-065-KS1-10K-M Datasheet
257Kb / 1P
SEMI-FIXED TRIMMERS CI & LU Series: Cermet & Carbon
logo
List of Unclassifed Man...
240-PROPLUS ETC2-240-PROPLUS Datasheet
5Mb / 64P
T O TA L L A M P S O LU T I O N S
logo
Sharma Electro Componen...
LU SHARMA-LU Datasheet
360Kb / 3P
LU Series
logo
Belden Inc.
GUSL106 BELDEN-GUSL106 Datasheet
154Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 6f MM OM1. CPR Dca.
2023 Belden, Inc
GUSL108 BELDEN-GUSL108 Datasheet
154Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 8f MM OM1. CPR Dca.
2023 Belden, Inc
GUSL204 BELDEN-GUSL204 Datasheet
154Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 4f MM OM2. CPR Dca.
2023 Belden, Inc
GUSL206 BELDEN-GUSL206 Datasheet
152Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 6f MM OM2. CPR Dca.
2023 Belden, Inc
GUSL212 BELDEN-GUSL212 Datasheet
154Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 12f MM OM2. CPR Dca.
2023 Belden, Inc
logo
RAYEX ELECTRONICS CO., ...
LU-H RAYEX-LU-H Datasheet
618Kb / 2P
LU-H SERIES
LUZ-12 RAYEX-LUZ-12 Datasheet
444Kb / 2P
LU SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com