Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3323P104 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 3323P104
Description  7횞7 Square/ Single Turn /Trimming Potentiometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

3323P104 Datasheet(HTML) 1 Page - DB Lectro Inc

  3323P104 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
Standard Resistance Table
Resistance(Ohms)
Resistance Code
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
25,000
50,000
100,000
200,000
250,000
500,000
100
200
500
101
201
501
102
202
502
103
203
253
503
104
204
254
504
Electrical Characteristics
Standard Resistance Range..................50Ω~
2MΩ
Resistance
Tolerance.....................................±10%
Absolute Minimum Resistance...........≤1%R或
10Ω
Contact Resistance Variation.........CRV≤3%或
5Ω
Insulation Resistance................R1≥1GΩ
(500Vac)
Withstand Voltage......................................707Vac
Effective
Travel................................................250°
Environmental Characteristics
Power Rating, 315 volts max
....................................
..0.25W@70
℃,0W@100℃
Temperature Range..........................-55
℃~
100
℃
Temperature
Coefficient......................±250ppm/
℃
Temperature Variation............-
55
℃,30min,+100℃
.........................................................30min 5cycles
.................................
△R≤5%R,△(Uab/Uac)≤5%
Vibration.............................10~
500Hz,0.75mm,6h,
............................
△R≤5%R,△(Uab/Uac)≤7.5%R
Collision................390m/s2,4000cycles,△R≤5%R
1,000,000
2,000,000
105
205
Special resistances available
 
How To Order
3323----P--------103
...
Install dimension...........................
...
Mutual dimension...........................
7×7 Square/ Single Turn /Trimming Potentiometer
-- 3323P--
DB LECTRO Inc.
www.dblectro.com


Similar Part No. - 3323P104

ManufacturerPart #DatasheetDescription
logo
Vatronics Technologies ...
3323P VATRONICS-3323P Datasheet
99Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
More results

Similar Description - 3323P104

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3323U DBLECTRO-3323U Datasheet
196Kb / 1P
7횞7 Square/ Single Turn /Trimming Potentiometer
3323W DBLECTRO-3323W Datasheet
202Kb / 1P
7횞7 Square/ Single Turn /Trimming Potentiometer
3362H DBLECTRO-3362H Datasheet
203Kb / 1P
7횞7.2 Square/Single Turn/Trimming Potentiometer
3362P DBLECTRO-3362P Datasheet
205Kb / 1P
7횞7.2 Square/Single Turn/Trimming Potentiometer
3362R DBLECTRO-3362R Datasheet
202Kb / 1P
7횞7.2 Square/Single Turn/Trimming Potentiometer
3362W DBLECTRO-3362W Datasheet
202Kb / 1P
7횞7.2 Square/Single Turn/Trimming Potentiometer
3362X DBLECTRO-3362X Datasheet
202Kb / 1P
7횞7.2 Square/Single Turn/Trimming Potentiometer
3386H DBLECTRO-3386H Datasheet
198Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386P DBLECTRO-3386P Datasheet
200Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386Y DBLECTRO-3386Y Datasheet
194Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com