Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 18Page - Texas Instruments AM6548 Datasheet HTML 19Page - Texas Instruments AM6548 Datasheet HTML 20Page - Texas Instruments AM6548 Datasheet HTML 21Page - Texas Instruments AM6548 Datasheet HTML 22Page - Texas Instruments AM6548 Datasheet HTML 23Page - Texas Instruments AM6548 Datasheet HTML 24Page - Texas Instruments AM6548 Datasheet HTML 25Page - Texas Instruments AM6548 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 284 page
background image
Table 6-1. Pin Attributes (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
R25
GPMC0_CSn2
GPMC0_CSn2
0
O
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
0/1
Yes
VOUT1_EXTPCLKIN
1
I
0
VIN0_DATA10
2
I
0
GPMC0_A27
3
OZ
PRG2_IEP1_EDC_LATCH_IN1
4
I
0
I2C2_SDA
5
IOD
1
PRG2_IEP0_EDIO_DATA_IN_OUT3
0
6
IO
0
GPIO0_28
7
IO
0
T27
GPMC0_CSn3
GPMC0_CSn3
0
O
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
0/1
Yes
VIN0_DATA11
2
I
0
GPMC0_A26
3
OZ
PRG2_IEP1_EDC_SYNC_OUT1
4
O
I2C2_SCL
5
IOD
1
PRG2_IEP0_EDIO_DATA_IN_OUT3
1
6
IO
0
GPIO0_29
7
IO
0
R26
GPMC0_WAIT0
GPMC0_WAIT0
0
I
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
1
0/1
Yes
VOUT1_DATA22
1
O
GPIO0_22
7
IO
0
R23
GPMC0_WAIT1
GPMC0_WAIT1
0
I
OFF
7
1.8 V/3.3 V VDDSHV2
Yes
LVCMOS
PU/PD
1
0/1
Yes
VOUT1_DATA23
1
O
VIN0_VD
2
I
0
PRG2_PWM1_A0
3
IO
0
PRG2_IEP1_EDC_LATCH_IN0
4
I
0
TIMER_IO3
5
IO
0
PRG2_IEP0_EDIO_DATA_IN_OUT2
8
6
IO
0
GPIO0_23
7
IO
0
D20
I2C0_SCL
I2C0_SCL
0
IOD
OFF
7
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS-
FS
PU/PD
1
1/1
Yes
C21
I2C0_SDA
I2C0_SDA
0
IOD
OFF
7
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS-
FS
PU/PD
1
1/1
Yes
B21
I2C1_SCL
I2C1_SCL
0
IOD
OFF
7
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS-
FS
PU/PD
1
1/1
Yes
CPTS0_HW1TSPUSH
1
I
0
E21
I2C1_SDA
I2C1_SDA
0
IOD
OFF
7
1.8 V/3.3 V VDDSHV0
Yes
LVCMOS-
FS
PU/PD
1
1/1
Yes
CPTS0_HW2TSPUSH
1
I
0
K2
MCU_ADC0_REFN
MCU_ADC0_REFN
A
1.8 V
VDDA_ADC_M
CU
Analog
No
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com