Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AM6528
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AM6528 Datasheet HTML 28Page - Texas Instruments AM6528 Datasheet HTML 29Page - Texas Instruments AM6528 Datasheet HTML 30Page - Texas Instruments AM6528 Datasheet HTML 31Page - Texas Instruments AM6528 Datasheet HTML 32Page - Texas Instruments AM6528 Datasheet HTML 33Page - Texas Instruments AM6528 Datasheet HTML 34Page - Texas Instruments AM6528 Datasheet HTML 35Page - Texas Instruments AM6528 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 284 page
background image
Table 6-1. Pin Attributes (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
AB25
PRG0_PRU0_GPO11
PRG0_PRU0_GPO11
0
IO
OFF
7
1.8 V/3.3 V VDDSHV3
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG0_PRU0_GPI11
1
I
0
PRG0_RGMII1_TX_CTL
2
O
PRG0_PWM3_TZ_OUT
3
O
PRG0_PRU0_GPO15
4
IO
0
MCASP0_AXR7
5
IO
0
GPIO1_40
7
IO
0
AD27
PRG0_PRU0_GPO12
PRG0_PRU0_GPO12
0
IO
OFF
7
1.8 V/3.3 V VDDSHV3
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG0_PRU0_GPI12
1
I
0
PRG0_RGMII1_TD0
2
O
PRG0_PWM0_A0
3
IO
0
PRG0_PRU0_GPO11
4
IO
0
MCASP0_AXR8
5
IO
0
GPIO1_41
7
IO
0
AC26
PRG0_PRU0_GPO13
PRG0_PRU0_GPO13
0
IO
OFF
7
1.8 V/3.3 V VDDSHV3
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG0_PRU0_GPI13
1
I
0
PRG0_RGMII1_TD1
2
O
PRG0_PWM0_B0
3
IO
1
PRG0_PRU0_GPO12
4
IO
0
MCASP0_AXR9
5
IO
0
GPIO1_42
7
IO
0
AD26
PRG0_PRU0_GPO14
PRG0_PRU0_GPO14
0
IO
OFF
7
1.8 V/3.3 V VDDSHV3
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG0_PRU0_GPI14
1
I
0
PRG0_RGMII1_TD2
2
O
PRG0_PWM0_A1
3
IO
0
PRG0_PRU0_GPO13
4
IO
0
MCASP0_AXR10
5
IO
0
GPIO1_43
7
IO
0
AA24
PRG0_PRU0_GPO15
PRG0_PRU0_GPO15
0
IO
OFF
7
1.8 V/3.3 V VDDSHV3
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG0_PRU0_GPI15
1
I
0
PRG0_RGMII1_TD3
2
O
PRG0_PWM0_B1
3
IO
1
PRG0_PRU0_GPO14
4
IO
0
MCASP0_AXR11
5
IO
0
GPIO1_44
7
IO
0
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com