Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM324
Description  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM324 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM324 Datasheet HTML 9Page - Texas Instruments LM324 Datasheet HTML 10Page - Texas Instruments LM324 Datasheet HTML 11Page - Texas Instruments LM324 Datasheet HTML 12Page - Texas Instruments LM324 Datasheet HTML 13Page - Texas Instruments LM324 Datasheet HTML 14Page - Texas Instruments LM324 Datasheet HTML 15Page - Texas Instruments LM324 Datasheet HTML 16Page - Texas Instruments LM324 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
6.9 Electrical Characteristics for LMx24A and LM324KA
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
TA (2)
LM124A
LM224A
LM324A, LM324KA
UNIT
MIN
TYP(3)
MAX
MIN
TYP(3)
MAX
MIN
TYP(3)
MAX
VIO
Input offset
voltage
VCC = 5 V to 30 V,
VIC = VICRmin,
VO = 1.4 V
25°C
2
2
3
2
3
mV
Full range
4
4
5
IIO
Input offset
current
VO = 1.4 V
25°C
10
2
15
2
30
nA
Full range
30
30
75
IIB
Input bias
current
VO = 1.4 V
25°C
–50
–15
–80
–15
–100
nA
Full range
–100
–100
–200
VICR
Common-mode
input voltage
range
VCC = 30 V
25°C
0 to
VCC − 1.5
0 to
VCC – 1.5
0 to
VCC – 1.5
V
Full range
0 to
VCC − 2
0 to
VCC – 2
0 to
VCC – 2
VOH
High-level output
voltage
RL = 2 kΩ
25°C
VCC − 1.5
VCC – 1.5
VCC – 1.5
V
VCC = 30 V
RL= 2 kΩ
Full range
26
26
26
RL≥ 10 kΩ
Full range
27
27
28
27
28
VOL
Low-level output
voltage
RL ≤ 10 kΩ
Full range
20
5
20
5
20
mV
AVD
Large-signal
differential
voltage
amplification
VCC = 15 V,
VO = 1 V to 11 V,
RL ≥ 2 kΩ
25°C
50
100
50
100
25
100
V/mV
Full range
25
25
15
CMRR
Common-mode
rejection ratio
VIC = VICRmin
25°C
70
70
80
65
80
dB
kSVR
Supply-voltage
rejection ratio
(ΔVCC /ΔVIO)
25°C
65
65
100
65
100
dB
VO1/ VO2
Crosstalk
attenuation
f = 1 kHz to 20 kHz
25°C
120
120
120
dB
IO
Output current
VCC = 15 V,
VID = 1 V,
VO = 0
Source
25°C
–20
–20
–30
–60
–20
–30
–60
mA
Full range
–10
–10
–10
VCC = 15 V,
VID = –1 V,
VO = 15 V
Sink
25°C
10
10
20
1
20
Full range
5
5
5
VID = −1 V, VO = 200 mV
25°C
12
12
30
12
30
μA
IOS
Short-circuit
output current
VCC at 5 V, VCC- at –5 V,
VO = 0
25°C
±40
±60
±40
±60
±40
±60
mA
ICC
Supply current
(four amplifiers)
VO = 2.5 V, no load
Full range
0.7
1.2
0.7
1.2
0.7
1.2
mA
VCC = 30 V, VO = 15 V,
no load
Full range
1.4
3.
1.4
3
1.4
3
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified.
(2)
Full range is –55°C to +125°C for LM124A, –25°C to +85°C for LM224A, and 0°C to 70°C for LM324A.
(3)
All typical values are at TA = 25°C.
6.10 Operating Conditions
VCC = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
SR
Slew rate at unity gain
RL = 1 MΩ, CL = 30 pF, VI = ±10 V (see Figure 7-1)
0.5
V/μs
B1
Unity-gain bandwidth
RL = 1 MΩ, CL = 20 pF (see Figure 7-1)
1.2
MHz
Vn
Equivalent input noise voltage
RS = 100 Ω, VI = 0 V, f = 1 kHz (see Figure 7-2)
35
nV/√Hz
www.ti.com
LM124, LM124A, LM224, LM224A, LM224K, LM224KA
LM324, LM324A, LM324B, LM324K, LM324KA
LM2902, LM2902B, LM2902K, LM2902KV, LM2902KAV
SLOS066Y – SEPTEMBER 1975 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324K
LM324KA LM2902 LM2902B LM2902K LM2902KV LM2902KAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com