Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324KA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM324KA
Description  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM324KA Datasheet(HTML) 4 Page - Texas Instruments

  LM324KA Datasheet HTML 1Page - Texas Instruments LM324KA Datasheet HTML 2Page - Texas Instruments LM324KA Datasheet HTML 3Page - Texas Instruments LM324KA Datasheet HTML 4Page - Texas Instruments LM324KA Datasheet HTML 5Page - Texas Instruments LM324KA Datasheet HTML 6Page - Texas Instruments LM324KA Datasheet HTML 7Page - Texas Instruments LM324KA Datasheet HTML 8Page - Texas Instruments LM324KA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
5 Pin Configuration and Functions
1
1OUT
14
4OUT
2
1IN±
13
4IN±
3
1IN+
12
4IN+
4
VCC+
11
VCC±
5
2IN+
10
3IN+
6
2IN±
9
3IN±
7
2OUT
8
3OUT
Not to scale
Figure 5-1. D, DB, J, N, NS, PW, and W Package
14-Pin SOIC, SSOP, CDIP, PDIP, SO, TSSOP, and
CFP
(Top View)
4
1IN+
5
NC
6
VCC+
7
NC
8
2IN+
14
3IN+
15
NC
16
VCC±
17
NC
18
4IN+
Not to scale
Figure 5-2. FK Package
20-Pin LCCC
(Top View)
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
LCCC
SOIC, TSSOP,
PDIP, SSOP, SO,
CDIP, and CFP
1IN–
3
2
I
Negative input
1IN+
4
3
I
Positive input
1OUT
2
1
O
Output
2IN–
9
6
I
Negative input
2IN+
8
5
I
Positive input
2OUT
10
7
O
Output
3IN–
13
9
I
Negative input
3IN+
14
10
I
Positive input
3OUT
12
8
O
Output
4IN–
19
13
I
Negative input
4IN+
18
12
I
Positive input
4OUT
20
14
O
Output
VCC-
16
11
—
Negative (lowest) supply or ground (for single-supply operation)
NC
1, 5, 7, 11, 15,
17
—
—
Do not connect
VCC+
6
4
—
Positive (highest) supply
LM124, LM124A, LM224, LM224A, LM224K, LM224KA
LM324, LM324A, LM324B, LM324K, LM324KA
LM2902, LM2902B, LM2902K, LM2902KV, LM2902KAV
SLOS066Y – SEPTEMBER 1975 – REVISED OCTOBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324K
LM324KA LM2902 LM2902B LM2902K LM2902KV LM2902KAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com