Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASR Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # ASR
Description  Anti-Surge Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

ASR Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  ASR Datasheet HTML 1Page - Stackpole Electronics, Inc. ASR Datasheet HTML 2Page - Stackpole Electronics, Inc. ASR Datasheet HTML 3Page - Stackpole Electronics, Inc. ASR Datasheet HTML 4Page - Stackpole Electronics, Inc. ASR Datasheet HTML 5Page - Stackpole Electronics, Inc. ASR Datasheet HTML 6Page - Stackpole Electronics, Inc. ASR Datasheet HTML 7Page - Stackpole Electronics, Inc. ASR Datasheet HTML 8Page - Stackpole Electronics, Inc. ASR Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rev Date: 06/30/2021
5
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
ASR / ASRM Series
Anti-Surge Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Repetitive Pulse Information
If repetitive pulses are applied to resistors, pulse wave form must be less than “Pulse limiting voltage”, “Pulse limiting
current” or “Pulse limiting wattage” calculated by the formula below.
Where: Vp:
Pulse limiting voltage (V)
lp:
Pulse limiting current (A)
Pp:
Pulse limiting wattage (W)
P:
Power rating (W)
R:
Nominal resistance (ohm)
T:
Repetitive period (sec)
t:
Pulse duration (sec)
K:
Coefficient: 1
[Vr:
Rated Voltage (V), Ir: Rated Current (A)]
Note 1:
If T > 10 → T = 10 (sec), T / t > 1000 → T / t = 1000.
Note 2:
If T > 10 and T / t > 1000, “Pulse Limiting power (Single pulse) is applied.
Note 3:
If Vp < Vr (lp < lr or Pp < P), Vr (lr, P) is Vp (lp, Pp).
Note 4:
Pulse limiting voltage (Current, Wattage) is applied at less than rated ambient temperature. If ambient
temperature is more than the rated temperature (70°C), please decrease power rating according to “Power
Derating Curve”.
Note 5:
Please assure sufficient margin for use period and conditions for “Pulse limiting voltage”.
Note 6:
If the pulse waveform is not square wave, please judge after transform the waveform into square wave
according to “Waveform Transformation to Square Wave” information.
Vp = K√P x R x T/t
lp = K√P/R x T/t
Pp = K
2 x P x T/t



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com