Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASRM12 Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # ASRM12
Description  Anti-Surge Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

ASRM12 Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  ASRM12 Datasheet HTML 1Page - Stackpole Electronics, Inc. ASRM12 Datasheet HTML 2Page - Stackpole Electronics, Inc. ASRM12 Datasheet HTML 3Page - Stackpole Electronics, Inc. ASRM12 Datasheet HTML 4Page - Stackpole Electronics, Inc. ASRM12 Datasheet HTML 5Page - Stackpole Electronics, Inc. ASRM12 Datasheet HTML 6Page - Stackpole Electronics, Inc. ASRM12 Datasheet HTML 7Page - Stackpole Electronics, Inc. ASRM12 Datasheet HTML 8Page - Stackpole Electronics, Inc. ASRM12 Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev Date: 06/30/2021
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
ASR / ASRM Series
Anti-Surge Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Performance Characteristics
Mechanical Specifications - ASRM
Test
Test Specification
Test Condition
All Other Sizes:
- 1800 ~ 0 ppm/ºC
Change of resistance
≤ ± (0.5% + 0.05 Ω)
No mechanical damage
Tensile:
Tensile strength: 10 N
Bend:
Bending strength: 5 N
Temperature Coefficient
of Resistance
Lay the resistor on the 90º angle metal V block and
apply rated AC voltage for one minute
Voltage Proof
Lay the resistor on the 90º angle metal V block and apply 100 Vdc between
V block and lead wire for a minute. The insulation resistance will be measured
while applying the voltage.
Insulation Resistance
≥ 1000 Mohm
Measure resistance (R0) at room temperature (t), after that, measure again
the resistance (R) at 100ºC higher than room temperature
ASRM14: ± 200 ppm/ºC
Soak in a Isopropyl alcohol for 5 minutes. After drying up for 5 minutes, the
stress of 5 N is added with the absorbent cotton. Five round trips at the rate of
one round trip a second.
There will be no damage
on the insulating surface
Solvent Resistance
Apply 2.5 times rated voltage or max overload voltage whichever is lower for
5 seconds and leave in room temperature for one hour after test.
≤ ± (1% + 0.05 Ω)
Overload (Short Time)
More than 95% of the
surface of the lead will be
covered by new solder
Dip the lead into a solder bath having a temperature of 245ºC ± 5ºC up
to 1.5 ± 0.5 mm from the body of the resistors and hold it for 5 ± 0.5 seconds.
Solderability
The body of the resistor is fixed, a static load is added in the direction of drawing
out of the terminal, and it maintains it for 10 ± 1 seconds.
Component body will be fixed so that terminals are perpendicular to the floor.
A static load specified below shall be applied to the terminal acting in a direction
away from the body. The body of piezoelectric oscillator will be inclined through
an angle of 90ºC and then retuned to its initial position in 2 or 3 seconds
Change of resistance
≤ ± (0.5% + 0.05 Ω)
Robustness of
Terminations
Dip the lead into a solder bath having a temperature of 260ºC ± 5ºC up
to 1.5 ± 0.5 mm from the body of the resistors and hold it for 10 ± 0.5 seconds
and leave in room temperature for one hour after test.
Change of resistance
≤ ± (1% + 0.05 Ω)
Resistance to
Soldering Heat
R - R0
10
6
R3
(t +100) - t
TCR =
x
(ppm/ºC)
0.126 ± 0.008
0.073 ± 0.008
1.102 ± 0.118
0.018 ± 0.002
inches
3.20 ± 0.20
1.85 ± 0.20
28.00 ± 3.00
0.45 ± 0.05
mm
0.354 ± 0.039
0.118 ± 0.020
1.102 ± 0.118
0.028 ± 0.002
inches
9.00 ± 1.00
3.00 ± 0.50
28.00 ± 3.00
0.70 ± 0.05
mm
0.433 ± 0.039
0.157 ± 0.020
1.102 ± 0.118
0.031 ± 0.002
inches
11.00 ± 1.00
4.00 ± 0.50
28.00 ± 3.00
0.80 ± 0.05
mm
0.591 ± 0.039
0.197 ± 0.020
1.378 ± 0.118
0.031 ± 0.002
inches
15.00 ± 1.00
5.00 ± 0.50
35.00 ± 3.00
0.80 ± 0.05
mm
ASRM2
1340
ASRM12
330
ASRM1
570
Lead Length (Bulk)
Lead Diameter
ASRM14
110
Type/Code
Weight
(mg/pc)
A
B
C
D
Unit
Body Length
Body Diameter



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com