Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASRM1 Datasheet(PDF) 9 Page - Stackpole Electronics, Inc.

Part # ASRM1
Description  Anti-Surge Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

ASRM1 Datasheet(HTML) 9 Page - Stackpole Electronics, Inc.

  ASRM1 Datasheet HTML 1Page - Stackpole Electronics, Inc. ASRM1 Datasheet HTML 2Page - Stackpole Electronics, Inc. ASRM1 Datasheet HTML 3Page - Stackpole Electronics, Inc. ASRM1 Datasheet HTML 4Page - Stackpole Electronics, Inc. ASRM1 Datasheet HTML 5Page - Stackpole Electronics, Inc. ASRM1 Datasheet HTML 6Page - Stackpole Electronics, Inc. ASRM1 Datasheet HTML 7Page - Stackpole Electronics, Inc. ASRM1 Datasheet HTML 8Page - Stackpole Electronics, Inc. ASRM1 Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Rev Date: 06/30/2021
9
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
ASR / ASRM Series
Anti-Surge Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
RoHS Compliance
Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various
regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances”
(RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our
compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as
amended by Directive (EU) 2015/863/EU as regards the list of restricted substances.
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in the “conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
1
2
3
4
5
6
7
8
9
10
11
A
S
R
1
4
J
A
1
0
0
K
RoHS Compliance Status
How to Order
ASR
Anti-Surge Leaded Resistor
Axial
YES
(1)
99.3/0.7 Sn/Cu
Apr-05
05/14
ASRM
Mini-Anti Surge Leaded Resistor
Axial
YES
(1)
99.3/0.7 Sn/Cu
Apr-05
05/14
Note (1): RoHS compliant by means of exemption 7c-I
Lead-Free
Effective Date
Code
(YY/WW)
Standard
Product
Series
Description
Package /
Termination
Type
Standard
Series
RoHS
Compliant
Lead-Free Termination
Composition
Lead-Free
Mfg. Effective Date
(Std Product Series)
Resistance Value
Code
Description
Code
W
Code
Tol
Code
Description
Product Code
Quantity
ASR
Standard
14
0.25
J
5%
ASRM14, ASR14
5000
ASRM
Mini
12
0.5
ASRM12, ASRM1
2500
1
1
ASR1, ASRM2
1000
2
2
ASRM14
2000
10 ohm = 10R0
560 Kohm = 560K
1 Mohm = 1M00
ASRM14
5000
ASR14, ASRM12
2000
ASRM1
1000
ASR1, ASRM2
500
Product Series
Packaging
Tolerance
Four characters with
the multiplier used as
the decimal holder.
Power Rating
ASR14, ASRM12, ASRM1,
ASR1, ASRM2
1000
Bulk
Ammo
T
Tape and Reel
B
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com