Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM Datasheet(PDF) 8 Page - Stackpole Electronics, Inc.

Part # CFM
Description  Carbon Film Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CFM Datasheet(HTML) 8 Page - Stackpole Electronics, Inc.

Back Button CFM Datasheet HTML 3Page - Stackpole Electronics, Inc. CFM Datasheet HTML 4Page - Stackpole Electronics, Inc. CFM Datasheet HTML 5Page - Stackpole Electronics, Inc. CFM Datasheet HTML 6Page - Stackpole Electronics, Inc. CFM Datasheet HTML 7Page - Stackpole Electronics, Inc. CFM Datasheet HTML 8Page - Stackpole Electronics, Inc. CFM Datasheet HTML 9Page - Stackpole Electronics, Inc. CFM Datasheet HTML 10Page - Stackpole Electronics, Inc. CFM Datasheet HTML 11Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Rev Date: 3/3/2022
8
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CF / CFM Series
Carbon Film Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Radial Lead Taping Specifications (Pana-Sert PCF14)
0.256 ± 0.020
inches
0.433
inches
6.50 ± 0.50
mm
11.00
mm
0.098 ± 0.020
inches
0.500 ± 0.039
inches
2.50 ± 0.50
mm
12.70 ± 1.00
mm
0.091 ± 0.008
inches
0.500 ± 0.012
inches
2.30 ± 0.20
mm
12.70 ± 0.30
mm
0.157 ± 0.012
inches
0.152 ± 0.028
inches
4.00 ± 0.30
mm
3.85 ± 0.70
mm
0.197 ± 0.039
inches
0.250 ± 0.051
inches
5.00 ± 1.00
mm
6.35 ± 1.30
mm
0.748 ± 0.039
inches
0.028 ± 0.008
inches
19.00 ± 1.00
mm
0.70 ± 0.20
mm
0.630 ± 0.020
inches
0.709 + 0.039 / -0.020
inches
16.00 ± 0.50
mm
18.00 + 1.00 / -0.50
mm
1.122
inches
0.49
inches
28.50
mm
12.50
mm
0 ± 0.079
inches
0.354 + 0.030 / -0.020
inches
0 ± 2.00
mm
9.00 + 0.75 / -0.50
mm
0 ± 0.079
inches
0.118
inches
0 ± 2.00
mm
3.00
mm
0.079
inches
2.00
mm
I
Lead protrusion
max.
max.
h1
Resistor alignment
(0 ± 5º)
W2
Hold-down tape position
max.
(0 ± 5º)
max.
h
Resistor alignment
(0 ± 5º)
W1
Sprocket-hole position
(0 ± 5º)
H1
Height of resistor
max.
W0
Hold-down tape width
min.
max.
min.
H
Height to bottom of resistor
T
Thickness
(chipboard and tape)
H0
Height to lead clinch
W
Chipboard width (1)
D0
Sprocket-hole diameter
P1
Sprocket-hole center to
lead center
F
Resistor lead spacing
P2
Sprocket-hole center to
resistor center (1)
C
Height of bending
P
Resitor pitch (1)
D
Resistor body diameter
P0
Sprocket-hole pitch (1)
PANA-SERT
Unit
A
Resistor body length
L
Cutout Length (1)
max.
max.
Symbol
Description
PANA-SERT
Unit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com