Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # CSM
Description  Molded Metal Plate Sensing Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSM Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

  CSM Datasheet HTML 1Page - Stackpole Electronics, Inc. CSM Datasheet HTML 2Page - Stackpole Electronics, Inc. CSM Datasheet HTML 3Page - Stackpole Electronics, Inc. CSM Datasheet HTML 4Page - Stackpole Electronics, Inc. CSM Datasheet HTML 5Page - Stackpole Electronics, Inc. CSM Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Rev Date: 8/17/2022
6
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSM Series
Molded Metal Plate Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
1
2
3
4
5
6
7
8
9
10
11
12
13
C
S
M
2
5
1
2
F
T
1
0
L
0
Resistance Value
Code
Description
Code
W
Code
Tol
Code
Description
Size
Quantity
0603
0.33
F
1%
Paper Tape
0603
5000
2512
3
J
5%
Emboss
2512
4000
0.001 = 1L00
0.01 = 10L0
0.1 ohm = R100
Size
CSM
Molded Metal Plate
Sensing Resistor
Tolerance
Packaging
Four characters with the multiplier
used as the decimal holder.
"L" used as multiplier of 10
-3 for any
value under 0.1 ohm
Product Series
T



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com