Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR2010 Datasheet(PDF) 9 Page - Stackpole Electronics, Inc.

Part # CSR2010
Description  Thick Film Current Sensing Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSR2010 Datasheet(HTML) 9 Page - Stackpole Electronics, Inc.

  CSR2010 Datasheet HTML 1Page - Stackpole Electronics, Inc. CSR2010 Datasheet HTML 2Page - Stackpole Electronics, Inc. CSR2010 Datasheet HTML 3Page - Stackpole Electronics, Inc. CSR2010 Datasheet HTML 4Page - Stackpole Electronics, Inc. CSR2010 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSR2010 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSR2010 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSR2010 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSR2010 Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Rev Date: 6/21/202
9
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSR / CSRN Series
Thick Film Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
CSR
Thick Film Current Sensing
Surface Mount Chip Resistor
SMD
YES by means of
exemption 7c-I
100% Matte Sn over Ni
May-04
04/18
CSRN
Thick Film Current Sensing
Surface Mount Chip Resistor, Narrow
SMD
YES by means of
exemption 7c-I
100% Matte Sn over Ni
May-04
04/18
Lead-Free
Effective Date
Code
(YY/WW)
Standard
Product
Series
Description
Package /
Termination
Type
Standard Series
RoHS Compliant
Lead-Free Termination
Composition
Lead-Free
Mfg. Effective Date
(Std Product Series)
RoHS Compliance
Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various
regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances”
(RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our
compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as
amended by Directive (EU) 2015/863/EU as regards the list of restricted substances.
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in
the “conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
RoHS Compliance Status
How to Order
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
C
S
R
1
2
0
6
F
T
1
0
L
0
-
H
P
Resistance Value
Code
Description
Code
W
Code
Tol
Code
Description
Size
Quantity
Code
Description
CSR
Standard
0201 0.05
F
1%
0201, 0402
10000
blank
Standard
0402 0.13
G
2%
0603, 0805, 1206, 1210
5000
-HP
High Power
0603 0.13
J
5%
2010, 2512
4000
0805 0.25
0815, 0830, 1225
2000
1206
0.5
0402
1210
0.5
0603, 0805, 1206, 1210
2010
1
2010, 2512
0.051 ohm = 51L0
2512
2
0815, 0830, 1225
0.35 ohm = R350
0815
1
1 ohm = 1R00
0830
2
1225
3
Four characters with the
multiplier used as the
decimal holder.
"L" used as multiplier of
10
-3 for any value
under 0.1 ohm
(*) Only available
for 0603 and 1210
sizes
Special (*)
7" Reel
Paper Tape
1000
Product Series
Tolerance
CSRN
Narrow
Terminations
7" Reel
Plastic Tape
T
K
7" Reel
Paper Tape
7" Reel
Plastic Tape
Size
Packaging



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com