Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRC Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # FRC
Description  Fusible Thick Film Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

FRC Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  FRC Datasheet HTML 1Page - Stackpole Electronics, Inc. FRC Datasheet HTML 2Page - Stackpole Electronics, Inc. FRC Datasheet HTML 3Page - Stackpole Electronics, Inc. FRC Datasheet HTML 4Page - Stackpole Electronics, Inc. FRC Datasheet HTML 5Page - Stackpole Electronics, Inc. FRC Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev Date: 6/28/2021
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
FRC Series
Fusible Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Performance Characteristics
Mechanical Specifications (cont.)
Test
Test Method
Test Specification
Test Condition
1%: ± (1% + 0.05 Ω)
5%: ± (2% + 0.1 Ω)
1%: ± (0.5% + 0.05 Ω)
5%: ± (1% + 0.05 Ω)
1%: ± (0.5% + 0.05 Ω)
5%: ± (1% + 0.1 Ω)
Then the resistor is left in the room for 48 hours.
1%: ± (1% + 0.05 Ω)
5%: ± (2% + 0.05 Ω)
1%: ± (1% + 0.05 Ω)
5%: ± (3% + 0.1 Ω)
Bending once for 5 seconds.
0402, 0603, 0805 = 5 mm
1206, 1210 = 3 mm
2010, 2512 = 2 mm
Terminal Bending Strength
JIS C 5201-1
clause 4.33
± (1% + 0.05 Ω)
Storage conditions: Temperature of 25ºC ± 5ºC. Humidity: 60% ± 20% R.H..
Load Life (Endurance)
JIS C 5201-1
clause 4.25
70ºC ± 2ºC, RCWV or Max. Working Voltage whichever is less
for 1000 hours with 1.5 hours "ON" and 0.5 hour "OFF"
Insulation Resistance
JIS C 5201-1
clause 4.6
≥ 10 G Ω
100V for 1 minute
Resistance to Solvent
JIS C 5201-1
clause 4.29
± (0.5% + 0.05 Ω)
The tested resistor shall be immersed into isopropyl
alcohol at 20ºC ~ 25ºC for 60 seconds.
Load Life in Humidity
JIS C 5201-1
clause 4.24
40ºC ± 2ºC, 90% ~ 95% R.H. RCWV or Max. Working Voltage
whichever is less for 1000 hours with 1.5 hours "ON" and
0.5 hour "OFF"
Temperature Cycling
JIS C 5201-1
clause 4.19
- 55ºC to + 155ºC, 5 cycles
Soldering Heat
JIS C 5201-1
clause 4.18
260ºC ± 5ºC for 10 seconds
Temperature Coefficient of
Resistance (T.C.R.)
JIS C 5201-1
clause 4.8
Refer to Electrical
Specification table
- 55ºC or + 155ºC, 25ºC is the reference temperature
Short Time Overload
JIS C 5201-1
clause 4.13
General: 2.5 times RCWV or Max. Overload Voltage
whichever is less for 5 seconds
Type/Code
Unit
0.079 ± 0.008
0.049 ± 0.006
0.020 ± 0.006
0.012 ± 0.006
0.016 ± 0.006
inches
2.00 ± 0.20
1.25 ± 0.15
0.50 ± 0.15
0.30 ± 0.15
0.40 ± 0.15
mm
0.120 ± 0.010
0.063 ± 0.010
0.022 ± 0.006
0.016 ± 0.008
0.020 ± 0.008
inches
3.05 ± 0.10
1.60 ± 0.20
0.55 ± 0.15
0.40 ± 0.20
0.50 ± 0.20
mm
0.120 ± 0.004
0.098 ± 0.008
0.022 ± 0.006
0.020 ± 0.008
0.020 ± 0.008
inches
3.05 ± 0.10
2.50 ± 0.20
0.55 ± 0.15
0.50 ± 0.20
0.50 ± 0.20
mm
0.197 ± 0.008
0.098 ± 0.008
0.022 ± 0.004
0.024 ± 0.008
0.024 ± 0.008
inches
5.00 ± 0.20
2.50 ± 0.20
0.55 ± 0.10
0.60 ± 0.20
0.60 ± 0.20
mm
0.248 ± 0.008
0.126 ± 0.008
0.022 ± 0.004
0.024 ± 0.008
0.024 ± 0.008
inches
6.30 ± 0.20
3.20 ± 0.20
0.55 ± 0.10
0.60 ± 0.20
0.60 ± 0.20
mm
FRC2512
FRC0805
FRC1206
FRC1210
FRC2010
L
W
H
I1
I2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com