Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC2010 Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # HVC2010
Description  High Voltage Thick Film Chip Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HVC2010 Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  HVC2010 Datasheet HTML 1Page - Stackpole Electronics, Inc. HVC2010 Datasheet HTML 2Page - Stackpole Electronics, Inc. HVC2010 Datasheet HTML 3Page - Stackpole Electronics, Inc. HVC2010 Datasheet HTML 4Page - Stackpole Electronics, Inc. HVC2010 Datasheet HTML 5Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev Date: 11/18/2020
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HVC Series
High Voltage Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Performance Characteristics
Power Derating Curve:
Recommended Pad Layouts
Mechanical Specifications (cont.)
H
Body Height (Max.)
0.200 ± 0.01
0.100 ± 0.005
0.030
0.018 ± 0.010
0.020 ± 0.010
inches
5.08 ± 0.25
2.54 ± 0.13
0.76
0.46 ± 0.25
0.51 ± 0.25
mm
0.250 ± 0.01
0.125 ± 0.005
0.030
0.020 ± 0.010
0.024 ± 0.010
inches
6.35 ± 0.25
3.18 ± 0.13
0.76
0.51 ± 0.25
0.61 ± 0.25
mm
0.350 ± 0.01
0.125 ± 0.005
0.030
0.020 ± 0.010
0.024 ± 0.010
inches
8.89 ± 0.25
3.18 ± 0.13
0.76
0.51 ± 0.25
0.61 ± 0.25
mm
L
W
a
b
Unit
Body Length
Body Width
Top Termination
Bottom Termination
HVC3512
HVC2010
HVC2512
Type / Code
Test
Typical Performance
Short Time Overload
0.1%
Load Life
0.1%
Temperature Cycle
0.1%
Moisture Resistance
0.1%
Shock
0.05%
Vibration
0.05%
Dielectric Withstanding Voltage
0.05%
Resistance to Soldering Heat
0.05%
Parameter
Typical
TCR
measured from 25°C to 75°C
10X rated wattage
Consult Stackpole for custom pulse applications
Measured at 100V
Consult Stackpole for custom test voltages
Operating temperature range is -55ºC to +150ºC
Pulse Capability
Resistance Value
Type / Code
A
B
C
Unit
0.031
0.083
0.035
inches
0.80
2.10
0.90
mm
0.047
0.118
0.051
inches
1.20
3.00
1.30
mm
HVC0603
HVC0805



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com