Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVR21 Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # HVR21
Description  High Voltage Radial Leaded Plate Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HVR21 Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  HVR21 Datasheet HTML 1Page - Stackpole Electronics, Inc. HVR21 Datasheet HTML 2Page - Stackpole Electronics, Inc. HVR21 Datasheet HTML 3Page - Stackpole Electronics, Inc. HVR21 Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev Date: 10/22/2020
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HVR Series
High Voltage Radial Leaded Plate Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Ohmic values available up to 50 G
•
Voltage ratings to 40 K volts
•
Ultra-high stability
•
Tight tolerances to 0.1%
•
Low VCR to 0.05 ppm/volt
•
Very low noise
•
Custom solutions available
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Electrical Specifications
Maximum
Voltage
Rating (KV)
0.1%
0.25%
0.5%
1%
2%, 5%, 10%, 20%
± 25
1M - 100M
1M - 100M
1M - 100M
1M - 100M
1M - 100M
± 50
100K - 100M
100K - 100M
100K - 1G
100K - 1G
100K - 1G
± 100
100K - 100M
100K - 100M
100K - 10G
100K - 10G
100K - 50G
± 200
100K - 100M
100K - 100M
100K - 10G
100M - 50G
100M - 50G
± 25
1M - 100M
1M - 100M
1M - 100M
1M - 100M
1M - 100M
± 50
100K - 100M
100K - 100M
100K - 1G
100K - 1G
100K - 1G
± 100
100K - 100M
100K - 100M
100K - 10G
100K - 10G
100K - 50G
± 200
100K - 100M
100K - 100M
100K - 10G
100M - 50G
100M - 50G
± 25
1M - 100M
1M - 500M
1M - 500M
1M - 500M
1M - 500M
± 50
100K - 100M
100K - 500M
100K - 10G
100K - 10G
100K - 10G
± 100
100K - 100M
100K - 500M
100K - 10G
100K - 50G
100K - 50G
± 200
100K - 100M
100K - 100M
100M - 10G
100M - 50G
100M - 50G
± 25
1M - 100M
1M - 500M
1M - 500M
1M - 500M
1M - 500M
± 50
100K - 100M
100K - 500M
100K - 10G
100K - 10G
100K - 10G
± 100
100K - 100M
100K - 500M
100K - 10G
100K - 50G
100K - 50G
± 200
100K - 100M
100K - 100M
100M - 10G
100M - 50G
100M - 50G
± 25
1M - 100M
1M - 500M
1M - 500M
1M - 500M
1M - 500M
± 50
100K - 100M
100K - 500M
100K - 10G
100K - 10G
100K - 10G
± 100
100K - 100M
100K - 500M
100K - 10G
100K - 50G
100K - 50G
± 200
100K - 100M
100K - 100M
100M - 10G
100M - 50G
100M - 50G
± 25
1M - 100M
1M - 500M
1M - 500M
1M - 500M
1M - 500M
± 50
100K - 100M
100K - 500M
100K - 10G
100K - 10G
100K - 10G
± 100
100K - 100M
100K - 500M
100K - 10G
100K - 50G
100K - 50G
± 200
100K - 100M
100K - 100M
100M - 10G
100M - 50G
100M - 50G
Case Size
Power Rating
(W)
@ 25ºC
Ohmic Range (Ω) and Tolerance
HVR(W)39
0.5
2
TCR (ppm/ºC)
0.5
4
HVR(W)21
1
10
HVR(W)29
HVR(W)56
6
40
HVR(W)42
2
20
HVR(W)43
3
30


Similar Part No. - HVR21

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
HVR2 RADIOMETRIX-HVR2 Datasheet
420Kb / 7P
UHF Narrow Band FM Vibration Resistant Multi Channel Receiver
HVR2-433-5 RADIOMETRIX-HVR2-433-5 Datasheet
420Kb / 7P
UHF Narrow Band FM Vibration Resistant Multi Channel Receiver
logo
List of Unclassifed Man...
HVR2000 ETC1-HVR2000 Datasheet
615Kb / 6P
HIGH VOLTAGE RECTIFIERS
HVR20000 ETC1-HVR20000 Datasheet
615Kb / 6P
HIGH VOLTAGE RECTIFIERS
HVR22000 ETC1-HVR22000 Datasheet
615Kb / 6P
HIGH VOLTAGE RECTIFIERS
More results

Similar Description - HVR21

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
GST1210 WILLOW-GST1210 Datasheet
924Kb / 2P
High Value Resistors radial leaded
logo
API Delevan
5393R API-5393R Datasheet
1Mb / 1P
High Current Radial Leaded Chokes
logo
AVX Corporation
VR15 AVX-VR15 Datasheet
235Kb / 2P
Radial Leaded High Temperature Automotive 150쨘C Rated Radial Leaded TransGuard짰
logo
Littelfuse
60R010 LITTELFUSE-60R010_10 Datasheet
210Kb / 7P
Radial Leaded
logo
Cornell Dubilier Electr...
LPX CDE-LPX Datasheet
242Kb / 4P
High Voltage, High Value Radial Leaded Snap-In
LPX CDE-LPX_18 Datasheet
371Kb / 4P
High Voltage, High Value Radial Leaded Snap-In
logo
Vishay Siliconix
HVCC VISHAY-HVCC Datasheet
190Kb / 10P
High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
20-Apr-2021
HVCCSERIES VISHAY-HVCCSERIES Datasheet
202Kb / 11P
High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
19-Jul-2021
logo
Stackpole Electronics, ...
HVA SEI-HVA Datasheet
270Kb / 4P
High Voltage Axial Leaded Resistor
2/25/2022
HVD SEI-HVD Datasheet
327Kb / 5P
High Voltage Plate Resistor Divider
02/08/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com