Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPCS4747-LP Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # LPCS4747-LP
Description  SMD Shielded Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LPCS4747-LP Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  LPCS4747-LP Datasheet HTML 1Page - Stackpole Electronics, Inc. LPCS4747-LP Datasheet HTML 2Page - Stackpole Electronics, Inc. LPCS4747-LP Datasheet HTML 3Page - Stackpole Electronics, Inc. LPCS4747-LP Datasheet HTML 4Page - Stackpole Electronics, Inc. LPCS4747-LP Datasheet HTML 5Page - Stackpole Electronics, Inc. LPCS4747-LP Datasheet HTML 6Page - Stackpole Electronics, Inc. LPCS4747-LP Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev Date: 08/30/2019
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPCS Series
SMD Shielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – 4747(HC)
Packaging Specifications
Electrical Specifications – 4747(LP/MP/HP) (cont.)
LPCS4747MT2R2-HC
2.2
20%
0.007
25.5
LPCS4747MT4R7-HC
4.7
20%
0.016
15.9
LPCS4747MT5R6-HC
5.6
20%
0.02
14
LPCS4747MT6R8-HC
6.8
20%
0.021
13.3
LPCS4747MT8R2-HC
8.2
20%
0.023
12.2
LPCS4747MT100-HC
10
20%
0.024
11.2
LPCS4747MT150-HC
15
20%
0.031
9
LPCS4747MT180-HC
18
20%
0.035
5.1
LPCS4747MT220-HC
22
20%
0.04
7.57
LPCS4747MT330-HC
33
20%
0.07
6.22
LPCS4747MT390-HC
39
20%
0.075
4.5
LPCS4747MT470-HC
47
20%
0.08
5.28
LPCS4747MT560-HC
56
20%
0.13
4.5
LPCS4747MT680-HC
68
20%
0.105
4.26
LPCS4747MT820-HC
82
20%
0.143
3.8
LPCS4747MT101-HC
100
20%
0.163
3.52
LPCS4747MT121-HC
120
20%
0.17
1.9
LPCS4747MT151-HC
150
20%
0.247
3.01
LPCS4747MT221-HC
220
20%
0.376
2.36
LPCS4747MT331-HC
330
20%
0.574
2
LPCS4747MT391-HC
330
20%
0.65
1.5
LPCS4747MT471-HC
470
20%
0.861
1.64
LPCS4747MT681-HC
680
20%
1.08
1.38
LPCS4747MT821-HC
820
20%
1.47
1.26
LPCS4747MT102-HC
1000
20%
1.66
1.14
Type / Code
L
(μH)
Tolerance
DCR (Ω) max
IDC (A) max
4747(LP)
4747
4747(MP)
4747(HP)
4747(LP)
4747
4747(MP)
4747(HP)
LPCS _ MT331
330
20%
0.99
0.51
0.64
0.45
0.5
0.68
0.95
1.2
LPCS _ MT391
390
20%
-
0.69
0.7
0.55
-
0.65
0.88
1.1
LPCS _ MT471
470
20%
-
0.77
0.98
0.6
-
0.58
0.79
1
LPCS _ MT561
560
20%
-
0.86
1.07
0.7
-
0.54
0.73
0.9
LPCS _ MT681
680
20%
-
1.2
1.46
0.84
-
0.48
0.67
0.82
LPCS _ MT821
820
20%
-
1.34
1.64
1.06
-
0.43
0.6
0.8
LPCS _ MT102
1000
20%
-
1.53
1.82
1.27
-
0.4
0.55
0.76
Type / Code
L
(μH)
Tolerance
DCR (Ω) max
IDC (A) max



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com