Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVM Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # LVM
Description  Ceramic Housed Vertical Mount Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LVM Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  LVM Datasheet HTML 1Page - Stackpole Electronics, Inc. LVM Datasheet HTML 2Page - Stackpole Electronics, Inc. LVM Datasheet HTML 3Page - Stackpole Electronics, Inc. LVM Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev Date: 11/30/2020
4
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LVM / NVM / WVM Series
Ceramic Housed Vertical Mount Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
L
V
M
5
J
B
R
1
0
0
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
Resistance Value
Code
Description
Size
W
Code
Tol
Code Description
Size
Quantity
LVM
Ribbon Element
5
5
D
0.5%
LVM5, NVM5, WVM5
1000
NVM
Non-inductive
7
7
F
1%
LVM7, NVM7, WVM7
800
WVM
Precision WW
10
10
J
5%
LVM10, NVM10, WVM10
500
K
10%
0.01 ohm = 10L0
0.1 ohm = R100
100 ohm = 100R
5 Kohm = 5K00
Four characters with the
multiplier used
as the decimal holder.
"L" used as multiplier of 10
-3
B
Bulk
Packaging
Product Series
Tolerance
Power Rating



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com