Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2618 Datasheet(PDF) 7 Page - Stackpole Electronics, Inc.

Part # LP2618
Description  SMD Unshielded Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LP2618 Datasheet(HTML) 7 Page - Stackpole Electronics, Inc.

  LP2618 Datasheet HTML 1Page - Stackpole Electronics, Inc. LP2618 Datasheet HTML 2Page - Stackpole Electronics, Inc. LP2618 Datasheet HTML 3Page - Stackpole Electronics, Inc. LP2618 Datasheet HTML 4Page - Stackpole Electronics, Inc. LP2618 Datasheet HTML 5Page - Stackpole Electronics, Inc. LP2618 Datasheet HTML 6Page - Stackpole Electronics, Inc. LP2618 Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rev Date: 10/03/2019
7
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LP Series
SMD Unshielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
How to Order
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in the “conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
Legacy Part Number:
1
2
3
4
5
6
7
8
9
10
11
P
D
1
8
1
3
M
T
1
0
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
L
P
5
1
3
7
M
T
1
0
1
-
L
P
Code
1608
Code
Tol
Code
Quantity
1R1
1.1μH
1813
M
±20%
2,000
470
47μH
3308
N
±30%
101
100μH
3316
3340
5022
225
250
Product Series
Dimensions (mm)
Tolerance
Packaging
Inductance
PD
SMD Unshielded
Power Inductor
6.6 x 4.45 x 2.92
Description
Size
8.89 x 6.1 x 4.7
T
13"
Tape and Reel
1608
12.95 x 9.4 x 3
18.54 x 15.24 x 7.11
3340
5022
1813
1,000
12.95 x 9.4 x 5.21
3308
12.95 x 9.4 x 11.43
3316
Code
Code
Code
Tol
Quantity Code Description
Code
Description
2618
K
± 10%
2,000
1R1
1.1 μH
(blank)
Standard
5137(LP)
M
± 20%
470
47 μH
-LP
Low Profile
5137
101
100 μH
-HP
High Profile
5137(HP)
225
7360
250
Product Series
Dimensions
Tolerance
Packaging
13"
Tape and Reel
1,000
LP
SMD
Unshielded
Power Inductor
2618
Code
T
Description
5137
7360
5137(LP)
5137(HP)
Special
Description
Size
12.95 x 9.4 x 11.43
18.54 x 15.24 x 7.11
6.6 x 4.45 x 2.92
12.95 x 9.4 x 3
12.95 x 9.4 x 5.21
Size
Inductance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com