Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPCT100 Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # LPCT100
Description  SMD Unshielded Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LPCT100 Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  LPCT100 Datasheet HTML 1Page - Stackpole Electronics, Inc. LPCT100 Datasheet HTML 2Page - Stackpole Electronics, Inc. LPCT100 Datasheet HTML 3Page - Stackpole Electronics, Inc. LPCT100 Datasheet HTML 4Page - Stackpole Electronics, Inc. LPCT100 Datasheet HTML 5Page - Stackpole Electronics, Inc. LPCT100 Datasheet HTML 6Page - Stackpole Electronics, Inc. LPCT100 Datasheet HTML 7Page - Stackpole Electronics, Inc. LPCT100 Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev Date: 08/30/2019
3
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPC Series
SMD Unshielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – LPC1412(HP), 1816, 2320(LP)
Electrical Specifications – LPC2320, 2320(HP), 3128
1412(HP)
1816
2320(LP)
1412(HP)
1816
2320(LP)
LPC_MT1R0
0.5
20%
100KHz, 0.25V
-
0.02
-
-
3
-
LPC_MT1R0
1.0
20%
100KHz, 0.25V
0.045
0.049
0.021
2.2
2.7
4
LPC_MT1R2
1.2
20%
100KHz, 0.25V
0.05
0.053
0.05
2.1
2.54
4.2
LPC_MT1R4
1.4
20%
100KHz, 0.25V
0.05
0.056
-
2
2.5
-
LPC_MT1R5
1.5
20%
100KHz, 0.25V
0.055
0.061
0.06
1.7
2.24
4
LPC_MT1R8
1.8
20%
100KHz, 0.25V
0.07
0.064
0.065
1.65
2.33
3.7
LPC_MT2R2
2.2
20%
100KHz, 0.25V
0.085
0.072
0.07
1.6
2.25
3.5
LPC_MT2R7
2.7
20%
100KHz, 0.25V
0.1
0.079
0.08
1.4
2.16
3.2
LPC_MT3R3
3.3
20%
100KHz, 0.25V
0.12
0.086
0.1
1.04
2
2.7
LPC_MT3R9
3.9
20%
100KHz, 0.25V
0.13
0.094
0.12
1
1.84
2.4
LPC_MT4R7
4.7
20%
100KHz, 0.25V
0.17
0.109
0.14
1
1.62
2
LPC_MT5R6
5.6
20%
100KHz, 0.25V
0.185
0.126
0.15
0.95
1.48
1.8
LPC_MT6R8
6.8
20%
100KHz, 0.25V
0.2
0.131
0.16
0.95
1.43
1.5
LPC_MT8R2
8.2
20%
100KHz, 0.25V
0.25
0.147
0.17
0.9
1.37
1.4
LPC_ _T100
10
10%, 20%
1KHz, 0.25V
0.32
0.182
0.2
0.76
1.04
1.3
LPC_ _T120
12
10%, 20%
1KHz, 0.25V
0.35
0.21
0.23
0.685
0.97
1.1
LPC_ _T150
15
10%, 20%
1KHz, 0.25V
0.46
0.235
0.25
0.635
0.85
1.05
LPC_ _T180
18
10%, 20%
1KHz, 0.25V
0.52
0.338
0.3
0.525
0.74
1
LPC_ _T220
22
10%, 20%
1KHz, 0.25V
0.66
0.378
0.35
0.5
0.68
0.9
LPC_ _T270
27
10%, 20%
1KHz, 0.25V
0.76
0.522
0.4
0.405
0.62
0.85
LPC_ _T330
33
10%, 20%
1KHz, 0.25V
0.92
0.54
0.5
0.38
0.56
0.75
LPC_ _T390
39
10%, 20%
1KHz, 0.25V
1.12
0.587
0.55
0.355
0.52
0.7
LPC_ _T470
47
10%, 20%
1KHz, 0.25V
1.27
0.844
0.65
0.33
0.44
0.6
LPC_ _T560
56
10%, 20%
1KHz, 0.25V
1.5
0.937
0.76
0.29
0.42
0.55
LPC_ _T680
68
10%, 20%
1KHz, 0.25V
2
1.117
0.95
0.26
0.37
0.5
LPC_ _T820
82
10%, 20%
1KHz, 0.25V
2.44
1.14
1.2
0.23
0.34
0.45
LPC_ _T101
100
10%, 20%
1KHz, 0.25V
2.85
1.19
1.4
0.2
0.3
0.4
LPC_ _T121
120
10%, 20%
1KHz, 0.25V
3.4
1.4
1.75
0.18
0.256
0.35
LPC_ _T151
150
10%, 20%
1KHz, 0.25V
4.47
1.8
2
0.16
0.212
0.25
LPC_ _T181
180
10%, 20%
1KHz, 0.25V
5.11
1.92
2.6
0.15
0.2
0.25
LPC_ _T221
220
10%, 20%
1KHz, 0.25V
7.31
2.03
3
0.14
0.18
0.2
LPC_ _T271
270
10%, 20%
1KHz, 0.25V
8.5
2.89
3.7
0.1
0.174
0.18
LPC_ _T331
330
10%, 20%
1KHz, 0.25V
10.19
3.76
4.3
0.09
0.168
0.17
LPC_ _T391
390
10%, 20%
1KHz, 0.25V
-
4.26
6
-
1.6
0.16
LPC_ _T471
470
10%, 20%
1KHz, 0.25V
-
5.14
6.7
-
0.158
0.15
LPC_ _T561
560
10%, 20%
1KHz, 0.25V
-
6.37
-
-
0.148
-
LPC_ _T681
680
10%, 20%
1KHz, 0.25V
-
9.24
-
-
0.128
-
LPC_ _T821
820
10%, 20%
1KHz, 0.25V
-
13.4
-
-
0.11
-
LPC_ _T102
1000
10%, 20%
1KHz, 0.25V
-
15.6
15
-
0.109
0.14
I DC (A) max.
L (μH)
Type/Code
Test Condition
Tolerance
DCR (Ω) max.
2320
2320(HP)
3128
2320
2320(HP)
3128
LPC_MT1R0
1.0
20%
100KHz, 0.25V
0.03
0.01
0.018
4.5
5
1.64
LPC_MT1R2
1.2
20%
100KHz, 0.25V
0.03
0.012
-
4.2
4.77
-
LPC_MT1R5
1.5
20%
100KHz, 0.25V
0.03
0.013
0.02
4.1
4.5
1.6
LPC_MT1R8
1.8
20%
100KHz, 0.25V
0.03
0.016
-
3.7
4.25
-
LPC_MT2R2
2.2
20%
100KHz, 0.25V
0.03
0.017
0.023
3.5
4.2
-
LPC_MT2R7
2.7
20%
100KHz, 0.25V
0.04
0.025
-
3.2
4
-
LPC_MT3R3
3.3
20%
100KHz, 0.25V
0.05
0.034
0.025
2.8
2.5
1.59
LPC_MT3R9
3.9
20%
100KHz, 0.25V
0.06
0.035
-
2.6
2.2
-
LPC_MT4R7
4.7
20%
100KHz, 0.25V
0.07
0.035
0.039
2.5
2
1.54
LPC_MT5R6
5.6
20%
100KHz, 0.25V
0.08
0.042
-
2.4
1.82
-
LPC_MT6R8
6.8
20%
100KHz, 0.25V
0.09
0.06
0.04
2.2
1.69
1.49
LPC_MT8R2
8.2
20%
100KHz, 0.25V
0.1
0.06
0.08
2
1.56
1.46
LPC_ _T100
10
10%, 20%
1KHz, 0.25V
0.13
0.1
0.08
1.8
1.44
1.44
LPC_ _T120
12
10%, 20%
1KHz, 0.25V
0.16
0.12
0.09
1.75
1.4
1.39
Type/Code
Tolerance
DCR (Ω) max.
I DC (A) max.
L (μH)
Test Condition



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com