Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5022MT1R1 Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # PS5022MT1R1
Description  SMD Shielded Power Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

PS5022MT1R1 Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  PS5022MT1R1 Datasheet HTML 1Page - Stackpole Electronics, Inc. PS5022MT1R1 Datasheet HTML 2Page - Stackpole Electronics, Inc. PS5022MT1R1 Datasheet HTML 3Page - Stackpole Electronics, Inc. PS5022MT1R1 Datasheet HTML 4Page - Stackpole Electronics, Inc. PS5022MT1R1 Datasheet HTML 5Page - Stackpole Electronics, Inc. PS5022MT1R1 Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev Date: 09/18/2019
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPS Series
SMD Shielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – LPS7360
L
(μH)
LPS7360MT1R0
1
20%
100 KHz, 0.1 V
0.024
20
LPS7360MT2R2
2.2
20%
100 KHz, 0.1 V
0.026
11
LPS7360MT3R3
3.3
20%
100 KHz, 0.1 V
0.029
10
LPS7360MT3R9
3.9
20%
100 KHz, 0.1 V
0.03
8.5
LPS7360MT4R7
4.7
20%
100 KHz, 0.1 V
0.032
8.4
LPS7360MT5R6
5.6
20%
100 KHz, 0.1 V
0.034
8.3
LPS7360MT6R8
6.8
20%
100 KHz, 0.1 V
0.036
8.2
LPS7360MT8R2
8.2
20%
100 KHz, 0.1 V
0.038
8.1
LPS7360MT100
10
20%
100 KHz, 0.1 V
0.04
8
LPS7360MT120
12
20%
100 KHz, 0.1 V
0.046
7.1
LPS7360MT150
15
20%
100 KHz, 0.1 V
0.048
7
LPS7360MT180
18
20%
100 KHz, 0.1 V
0.056
6.1
LPS7360MT220
22
20%
100 KHz, 0.1 V
0.059
6
LPS7360MT270
27
20%
100 KHz, 0.1 V
0.066
5.1
LPS7360MT330
33
20%
100 KHz, 0.1 V
0.075
5
LPS7360MT390
39
20%
100 KHz, 0.1 V
0.92
4.1
LPS7360MT470
47
20%
100 KHz, 0.1 V
0.097
4
LPS7360MT560
56
20%
100 KHz, 0.1 V
0.132
3.1
LPS7360MT680
68
20%
100 KHz, 0.1 V
0.138
3
LPS7360MT820
82
20%
100 KHz, 0.1 V
0.202
2.5
LPS7360MT101
100
20%
100 KHz, 0.1 V
0.207
2.4
LPS7360MT121
120
20%
100 KHz, 0.1 V
0.286
2.2
LPS7360MT151
150
20%
100 KHz, 0.1 V
0.293
2.1
LPS7360MT181
180
20%
100 KHz, 0.1 V
0.42
1.91
LPS7360MT221
220
20%
100 KHz, 0.1 V
0.47
1.9
LPS7360MT271
270
20%
100 KHz, 0.1 V
0.72
1.12
LPS7360MT331
330
20%
100 KHz, 0.1 V
0.78
1.1
LPS7360MT391
390
20%
100 KHz, 0.1 V
1.02
1.1
LPS7360MT471
470
20%
100 KHz, 0.1 V
1.08
1.1
LPS7360MT561
560
20%
100 KHz, 0.1 V
1.32
0.97
LPS7360MT681
680
20%
100 KHz, 0.1 V
1.4
0.96
LPS7360MT821
820
20%
100 KHz, 0.1 V
1.96
0.81
LPS7360MT102
1000
20%
100 KHz, 0.1 V
2.01
0.8
IDC (A)
max.
Type / Code
Tolerance
Test Condition
DCR (Ω)
max.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com