Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD9020 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IRFD9020
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFD9020 Datasheet(HTML) 2 Page - Vishay Siliconix

  IRFD9020 Datasheet HTML 1Page - Vishay Siliconix IRFD9020 Datasheet HTML 2Page - Vishay Siliconix IRFD9020 Datasheet HTML 3Page - Vishay Siliconix IRFD9020 Datasheet HTML 4Page - Vishay Siliconix IRFD9020 Datasheet HTML 5Page - Vishay Siliconix IRFD9020 Datasheet HTML 6Page - Vishay Siliconix IRFD9020 Datasheet HTML 7Page - Vishay Siliconix IRFD9020 Datasheet HTML 8Page - Vishay Siliconix IRFD9020 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFD9020
www.vishay.com
Vishay Siliconix
S16-1506-Rev. D, 01-Aug-16
2
Document Number: 90170
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
 300 μs; duty cycle  2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-120
°C/W
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 μA
-60
-
-
V
VDS Temperature Coefficient
V
DS/TJ
Reference to 25 °C, ID = -1 mA
-
- 0.056
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -1 μA
-2.0
-
-4.0
V
Gate-Source Leakage
IGSS
VGS = 20
-
-
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = -60 V, VGS = 0 V
-
-
- 100
μA
VDS = -48 V, VGS = 0 V, TJ = 150 °C
-
-
- 500
Drain-Source On-State Resistance
RDS(on)
VGS = -10 V
ID = - 0.96 A b
-
-
0.28
Forward Transconductance
gfs
VDS = -25 V, ID = - 0.96 A b
1.3
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = -25 V,
f = 1.0 MHz, see fig. 5
-570
-
pF
Output Capacitance
Coss
-360
-
Reverse Transfer Capacitance
Crss
-65
-
Total Gate Charge
Qg
VGS = -10 V
ID = - 11 A, VDS = -48 V,
see fig. 6 and 13 b
--
19
nC
Gate-Source Charge
Qgs
--
5.4
Gate-Drain Charge
Qgd
--
11
Turn-On Delay Time
td(on)
VDD = - 30 V, ID = -11 A,
Rg = 18 , RD = 2.5, see fig. 10b
-13
-
ns
Rise Time
tr
-68
-
Turn-Off Delay Time
td(off)
-15
-
Fall Time
tf
-29
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.0
-
nH
Internal Source Inductance
LS
-6.0
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
- 1.6
A
Pulsed Diode Forward Current a
ISM
--
- 13
Body Diode Voltage
VSD
TJ = 25 °C, IS = -1.6 A, VGS = 0 V b
--
- 6.3
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = - 11A, di/dt = 100 A/μs b
-
100
200
ns
Body Diode Reverse Recovery Charge
Qrr
-
0.32
0.64
μC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com