Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5022KT101 Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # PS5022KT101
Description  SMD Shielded Power Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

PS5022KT101 Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

  PS5022KT101 Datasheet HTML 1Page - Stackpole Electronics, Inc. PS5022KT101 Datasheet HTML 2Page - Stackpole Electronics, Inc. PS5022KT101 Datasheet HTML 3Page - Stackpole Electronics, Inc. PS5022KT101 Datasheet HTML 4Page - Stackpole Electronics, Inc. PS5022KT101 Datasheet HTML 5Page - Stackpole Electronics, Inc. PS5022KT101 Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Rev Date: 09/18/2019
6
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPS Series
SMD Shielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
L
P
S
2
6
1
8
M
T
1
0
1
Size
2618
Code
Tol
Code
Quantity
Code
Inductance (μH)
5137
M
±20%
2,000
1R1
1.1
7360
1,000
470
47
250
101
100
332
3300
103
10000
12.95 x 9.4 x 5.21
T
13" Tape and Reel
2618
18.54 x 15.24 x 7.62
5137
7360
Product Series
Dimensions
Tolerance
Packaging
Inductance
LPS
SMD
Power Inductor
6.6 x 4.45 x 2.92
Description
Size
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in the “conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
Legacy Part Number:
How to Order
1
2
3
4
5
6
7
8
9
10
11
P
S
1
6
0
8
M
T
1
0
1
Size
1608
Code
Tol
Code
Quantity
Code
Inductance (μH)
3316
K
±10%
2,000
1R1
1.1
5022
M
±20%
1,000
470
47
250
101
100
332
3300
103
10000
Product Series
Dimensions (mm)
Tolerance
Inductance
PS
6.6x4.45x2.92
12.95x9.4x5.21
18.54x15.24x7.62
Description
SMD
Power Inductor
Packaging
3316
5022
13" Tape and Reel
T
1608
Size



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com