Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5022MT103 Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # PS5022MT103
Description  SMD Shielded Power Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

PS5022MT103 Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  PS5022MT103 Datasheet HTML 1Page - Stackpole Electronics, Inc. PS5022MT103 Datasheet HTML 2Page - Stackpole Electronics, Inc. PS5022MT103 Datasheet HTML 3Page - Stackpole Electronics, Inc. PS5022MT103 Datasheet HTML 4Page - Stackpole Electronics, Inc. PS5022MT103 Datasheet HTML 5Page - Stackpole Electronics, Inc. PS5022MT103 Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev Date: 09/18/2019
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPS Series
SMD Shielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Provides magnetic shielding against radiation
•
Designed to provide higher current to meet portable computer requirements
•
LPS2618 uses ceramic base with gold plating
•
LPS5137 / 7360 uses LCP plastic base
•
Contact Stackpole for additional inductance values
•
Find environmental information and packaging specification in related
supplemental documents
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Applications:
•
GPS and PDAs
•
Personal computers
•
DC/DC converters
Performance Characteristics
Inductance and Current ranges
Mechanical Specifications
0.260
0.175
0.115
0.170
0.050
0.040
0.140
0.055
0.160
inches
6.60
4.45
2.92
4.32
1.27
1.02
3.56
1.40
4.06
mm
0.510
0.370
0.205
0.300
0.100
0.100
0.110
0.115
0.290
inches
12.95
9.40
5.21
7.62
2.54
2.54
2.79
2.92
7.37
mm
0.730
0.600
0.300
0.500
0.100
0.100
0.110
0.115
0.490
inches
18.54
15.24
7.62
12.70
2.54
2.54
2.79
2.92
12.45
mm
LPS7360
Type / Code
Unit
LPS2618
LPS5137
D
E
F
H
I
J
A
max.
B
max.
C
max.
Type
Inductance (μH)
Current Range (A)
LPS2618
1 ~ 10000
1.4 ~ 0.02
LPS5137
1 ~ 1000
5.6 ~ 0.32
LPS7360
1 ~ 1000
20 ~ 0.8
Electrical specification at 25°C
Item
Specification
Operating Temperature Range
-40 ~ 125ºC
Saturation Rated Current (IDC)
The DC current when the inductance becomes 10% (1608 becomes 30%)
lower than its initial value. (Ta = 25ºC)
Temperature Rise Current (I rms)
The actual current when temperature of coil becomes ∆ 40ºC. (Ta = 25ºC)


Similar Part No. - PS5022MT103

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PS5022 PREMO-PS5022 Datasheet
165Kb / 10P
SMD Power Inductors Shielded
PS5022-100M PREMO-PS5022-100M Datasheet
165Kb / 10P
SMD Power Inductors Shielded
PS5022-101M PREMO-PS5022-101M Datasheet
165Kb / 10P
SMD Power Inductors Shielded
PS5022-102M PREMO-PS5022-102M Datasheet
165Kb / 10P
SMD Power Inductors Shielded
PS5022-150M PREMO-PS5022-150M Datasheet
165Kb / 10P
SMD Power Inductors Shielded
More results

Similar Description - PS5022MT103

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com