Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMR3JB5L00 Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # TMR3JB5L00
Description  Low Resistance Value Resistor - Molded 2 and 4 Leads
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

TMR3JB5L00 Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  TMR3JB5L00 Datasheet HTML 1Page - Stackpole Electronics, Inc. TMR3JB5L00 Datasheet HTML 2Page - Stackpole Electronics, Inc. TMR3JB5L00 Datasheet HTML 3Page - Stackpole Electronics, Inc. TMR3JB5L00 Datasheet HTML 4Page - Stackpole Electronics, Inc. TMR3JB5L00 Datasheet HTML 5Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev Date: 5/12/2022
5
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
MR / MRS / TMR Series
Low Resistance Value Resistor
– Molded 2 and 4 Leads
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
M
R
3
F
T
R
1
0
0
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
Resistance Value
Code
Description
Size
W
Code
Tol
Code
Description
Size
Quantity
MR
2 Leads
1
1
F
1%
MR1
2000
TMR
4 Leads
3
3
J
5%
MRS3
1000
MRS
High Stability
5
5
MR3
750
10
10
MR5
500
MR10
250
MR1, MR3, MR5
1000
0.005 ohm = 5L00
MR10
500
0.01 ohm = 10L0
TMR3, TMR5
100
0.2 ohm = R200
"L" used as multiplier of
10
-3 for any value under
0.1 ohm.
Product Series
Tolerance
Packaging
Four characters with the
multiplier used as the
decimal holder.
B
T
Tape and Reel
Bulk
Power Rating



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com