Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MVM2KB680R Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # MVM2KB680R
Description  Ceramic Housed Vertical Mount Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MVM2KB680R Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  MVM2KB680R Datasheet HTML 1Page - Stackpole Electronics, Inc. MVM2KB680R Datasheet HTML 2Page - Stackpole Electronics, Inc. MVM2KB680R Datasheet HTML 3Page - Stackpole Electronics, Inc. MVM2KB680R Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev Date: 3/16/2021
4
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
VM / MVM Series
Ceramic Housed Vertical Mount Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
V
M
3
J
B
2
R
2
0
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals
mined in the “conflict region” of the Eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
Resistance Value
VM Standard WW
Size
W
Code
Tol
Code Description
Size
Quantity
MVM Metal Oxide
2
2
J
5%
VM2, MVM2
3
3
K
10%
VM3, MVM3
5
5
VM5, MVM5
7
7
VM7, MVM7
800
0.056 ohm = 56L0
10
10
VM10, MVM10
600
0.1 ohm = R100
680 ohm = 680R
51 Kohm = 51K0
Four characters with the multiplier
used as the decimal holder.
"L" used as multiplier of 10
-3
for any value under 0.1 ohm.
Packaging
Product Series
Tolerance
Power Rating
B
Bulk
1500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com