Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MG3JB1M00 Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # MG3JB1M00
Description  High Voltage Metal Glaze Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MG3JB1M00 Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  MG3JB1M00 Datasheet HTML 1Page - Stackpole Electronics, Inc. MG3JB1M00 Datasheet HTML 2Page - Stackpole Electronics, Inc. MG3JB1M00 Datasheet HTML 3Page - Stackpole Electronics, Inc. MG3JB1M00 Datasheet HTML 4Page - Stackpole Electronics, Inc. MG3JB1M00 Datasheet HTML 5Page - Stackpole Electronics, Inc. MG3JB1M00 Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev Date: 5/4/2022
5
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
MG / MGM / MGE / MGME Series
High Voltage Metal Glaze Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
RoHS Compliance
Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various
regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances”
(RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our
compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as
amended by Directive (EU) 2015/863/EU as regards the list of restricted substances.
Tape on Reel/Tape on Box Specifications
Tape on Reel
Across Flange (A)
W (A)
H (B)
L (C)
2.835
3.150
2.953
10.394
inches
72.00
80.00
75.00
264.00
mm
2.835
3.150
1.811
10.394
inches
72.00
80.00
46.00
264.00
mm
2.835
3.150
2.953
10.394
inches
72.00
80.00
75.00
264.00
mm
3.740
4.055
3.780
10.433
inches
95.00
103.00
96.00
265.00
mm
2.835
3.150
4.134
10.394
inches
72.00
80.00
105.00
264.00
mm
2.835
3.150
1.811
10.394
inches
72.00
80.00
46.00
264.00
mm
3.740
4.055
3.228
10.433
inches
95.00
103.00
82.00
265.00
mm
3.740
4.055
3.780
10.433
inches
95.00
103.00
96.00
265.00
mm
1000
1000
5000
5000
3000
1000
2000
1000
1000
2000
1000
1000
1000
MGM3
Tape on Box
Type/Code
Unit
MG12
MG1
MG2
MGM12
MGM1
MGM2
MG14
Quantity per
Reel
Quantity per
Box
5000
5000
3000
RoHS Compliance Status
MG
High Voltage Metal Glaze
Leaded Resistor
Axial
YES
(1)
100% Matte Sn
Jan-06
04/01
MGE
High Voltage Metal Glaze
Leaded Resistor (Epoxy
Coating)
Axial
YES
(1)
100% Matte Sn
Jan-06
04/01
MGM
High Voltage Mini Metal Glaze
Leaded Resistor
Axial
YES
(1)
100% Matte Sn
Always
Always
MGME
High Voltage Mini Metal Glaze
Leaded Resistor (Epoxy
Coating)
Axial
YES
(1)
100% Matte Sn
Always
Always
Lead-Free Termination
Composition
Lead-Free
Mfg. Effective Date
(Std Product Series)
Lead-Free
Effective Date
Code
(YY/WW)
Standard
Product
Series
Description
Package /
Termination
Type
Standard
Series
RoHS
Compliant



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com