Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRN2012-R24M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRN2012-R24M
Description  SRN2012 Series - Semi-shielded Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN2012-R24M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRN2012-R24M Datasheet HTML 1Page - Bourns Electronic Solutions SRN2012-R24M Datasheet HTML 2Page - Bourns Electronic Solutions SRN2012-R24M Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.8
(.071)
2.0 +0.2/-0.1
(.079 +.008/-.004)
1.6 +0.2/-0.1
(.063 +.008/-.004)
0.8
(.031)
REF.
0.6
(.024)
REF.
0.8
(.031)
REF.
0.6
(.024)
MAX.
1.2
(.047)
2.4
(.094)
Features
■
Semi-shielded construction
■
Miniature size
■
Low profile: 1.2 mm
■
Inductance range: 0.24 to 2.2 µH
■
Rated current up to 3.5 A
■
RoHS compliant* and halogen free**
Applications
■
DC/DC converters
■
Notebook computers
■
Digital video cameras
■
HDDs
■
Cellphones
■
Televisions, LCD displays
SRN2012 Series - Semi-shielded Power Inductors
Operating Temperature
................................. -55 °C to +125 °C
(Temperature rise included)
Storage Temperature .... -40 °C to +85 °C
Resistance to Solder Heat
...............................+260 °C for 40 sec.
Temperature Rise .....40 °C at rated Irms
Rated Current
............ Inductance drops 30 % at Isat
Electrical Specifications @ 25 °C
Bourns Part No.
Inductance
@ 1 MHz / 0.1 V
Q
(Ref.)
Test
Freq.
(MHz)
SRF
(MHz)
Min.
DCR
(Ω)
Max.
Irms
(A)
Isat
(A)
L (μH)
Tol. %
SRN2012-R24M
0.24
20
8
1
360
0.033
3.5
4.8
SRN2012-R47M
0.47
20
9
1
220
0.046
2.9
3.5
SRN2012-1R0M
1.0
20
10
1
110
0.104
2.3
2.5
SRN2012-1R5M
1.5
20
12
1
90
0.108
1.8
2.0
SRN2012-2R2M
2.2
20
13
1
70
0.186
1.3
1.6
General Specifications
Core..............................................Ferrite
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Coating .................Magnetic epoxy resin
Packaging....... 2000 pcs. per 7-inch reel
Materials
Product Dimensions
Recommended Layout
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
How to Order
SRN2012 - R24M
Model
Value Code (see table)
Soldering Profile
Max. Peak Temperature 260
40 sec. max.
Max. Time Above 217
: 60~150 sec. max.
Peak Temperature 260
max.
25
Time (Seconds)
Reflow Times: 3 Times Max.
Preheating
Soldering
Natural Cooling
217 °C
Peak Temperature (260 °C, 40 Sec. Max.)
200 °C
150°C
60~180
Sec.
480 Sec. Max.
60~150 Sec.
20~40 Sec.
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA:
Tel: +36 88 520 390 • Fax: +36 88 520 211
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
**Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine
(Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on
the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf


Similar Part No. - SRN2012-R24M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN2012T BOURNS-SRN2012T Datasheet
405Kb / 3P
SRN2012T Series - Semi-Shielded Power Inductors
10/21
SRN2012T-100K BOURNS-SRN2012T-100K Datasheet
405Kb / 3P
SRN2012T Series - Semi-Shielded Power Inductors
10/21
SRN2012T-150K BOURNS-SRN2012T-150K Datasheet
405Kb / 3P
SRN2012T Series - Semi-Shielded Power Inductors
10/21
SRN2012T-1R0K BOURNS-SRN2012T-1R0K Datasheet
405Kb / 3P
SRN2012T Series - Semi-Shielded Power Inductors
10/21
SRN2012T-220K BOURNS-SRN2012T-220K Datasheet
405Kb / 3P
SRN2012T Series - Semi-Shielded Power Inductors
10/21
More results

Similar Description - SRN2012-R24M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN3015 BOURNS-SRN3015 Datasheet
347Kb / 2P
Semi-shielded Power Inductors
SRN4018 BOURNS-SRN4018 Datasheet
313Kb / 2P
Semi-shielded Power Inductors
SRN1060-100M BOURNS-SRN1060-100M Datasheet
329Kb / 2P
Semi-shielded Power Inductors
SRN8040 BOURNS-SRN8040_13 Datasheet
334Kb / 2P
Semi-shielded Power Inductors
SRN2010TA BOURNS-SRN2010TA Datasheet
246Kb / 3P
Semi-shielded Power Inductors
SRN3012TA BOURNS-SRN3012TA Datasheet
241Kb / 3P
Semi-shielded Power Inductors
SRN2009T BOURNS-SRN2009T Datasheet
416Kb / 4P
Semi-shielded Power Inductors
SRN3010TA BOURNS-SRN3010TA Datasheet
429Kb / 4P
Semi-shielded Power Inductors
SRN5020TA BOURNS-SRN5020TA Datasheet
587Kb / 5P
Semi-shielded Power Inductors
SRN6028C BOURNS-SRN6028C Datasheet
144Kb / 5P
Semi-shielded Power Inductors
Mar 31, 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com