Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRN6028-R90Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRN6028-R90Y
Description  SRN6028 Series - Semi-shielded Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN6028-R90Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRN6028-R90Y Datasheet HTML 1Page - Bourns Electronic Solutions SRN6028-R90Y Datasheet HTML 2Page - Bourns Electronic Solutions SRN6028-R90Y Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6.0 ± 0.2
(.236 ± .008)
6.0 ± 0.2
(.236 ± .008)
MAX.
2.8
(.110)
5.7
(.224)
1.6
(.063)
1.6
(.063)
6.3
(.248)
TYP.
1.50
(.059)
Features
n
Semi-shielded construction
n
Inductance range: 0.90 to 100 µH
n
Rated current up to 4.6 A
n
RoHS compliant* and halogen free**
Applications
n
DC/DC converters
n
Notebook computers
n
Digital video cameras
n
HDDs
n
Cellphones
n
Televisions, LCD displays
SRN6028 Series - Semi-shielded Power Inductors
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
**Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be “halogen
free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the
total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of
this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Operating Temperature
................................. -40 °C to +125 °C
(Temperature rise included)
Storage Temperature .... -10 °C to +40 °C
Resistance to Solder Heat
...............................+260 °C for 10 sec.
Temperature Rise .....40 °C at rated Irms
Rated Current
............ Inductance drops 30 % at Isat
Moisture Sensitivity Level.....................1
ESD Classification (HBM).................N/A
Electrical Specifications @ 25 °C
Bourns Part No.
Inductance
@ 100 KHz / 1 V
Q
(Ref.)
Test
Freq.
(MHz)
SRF
(MHz)
Typ.
DCR
(W)
Max.
Irms
(A)
Isat
(A)
L (mH) Tol. %
SRN6028-R90Y
0.90
30
12
7.96
105
0.017
4.6
6.7
SRN6028-1R5Y
1.5
30
12
7.96
70
0.021
4.2
5.1
SRN6028-2R2Y
2.2
30
12
7.96
56
0.026
3.7
4.2
SRN6028-3R0Y
3.0
30
12
7.96
46
0.03
3.4
3.6
SRN6028-3R3M
3.3
20
12
7.96
42
0.034
3.4
3.6
SRN6028-3R9M
3.9
20
10
7.96
35
0.038
3.0
2.7
SRN6028-4R7M
4.7
20
10
7.96
34
0.038
3.0
2.7
SRN6028-6R0M
6.0
20
10
7.96
28
0.048
2.5
2.5
SRN6028-6R2M
6.2
20
10
7.96
28
0.063
2.2
2.2
SRN6028-6R8M
6.8
20
10
7.96
27
0.063
2.2
2.2
SRN6028-100M
10
20
18
2.52
20
0.078
1.9
1.9
SRN6028-150M
15
20
14
2.52
17
0.114
1.8
1.6
SRN6028-220M
22
20
18
2.52
14
0.162
1.4
1.3
SRN6028-330M
33
20
11
2.52
10
0.264
1.1
1.1
SRN6028-470M
47
20
11
2.52
9
0.36
0.92
1.0
SRN6028-680M
68
20
11
2.52
7
0.51
0.77
0.8
SRN6028-101M
100
20
16
0.796
6
0.72
0.66
0.65
General Specifications
Core..............................................Ferrite
Wire ............................Enameled copper
Terminal Finish ........................Sn/Ag/Cu
Coating .................Magnetic epoxy resin
Packaging..... 1000 pcs. per 13-inch reel
Materials
Product Dimensions
Recommended Layout
DIMENSIONS:
MM
(INCHES)
Soldering Profile
6R8
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov
200
Max. Peak Temperature -5 °C: 30 sec. max.
Max. Time Above 217 °C: 60~150 sec. max.
Peak Temperature: 250 °C max.
250
150
200
100
50
0
100
50
150
Time (Seconds)
+4.0 °C/Sec. Max.
150~200 °C / 60~120 Sec.
+3.0 °C/Sec. Max.
-(1.0~5.0) °C/Sec. Max.
Temperature
Rising Area
Preheat
Area
Reflow
Area
Forced
Cooling Area
250
Peak Temperature: 250 °C
217 °C
60~120 Sec.
60 Sec.
Max.
60~150 Sec.


Similar Part No. - SRN6028-R90Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN6028C BOURNS-SRN6028C Datasheet
144Kb / 5P
Semi-shielded Power Inductors
Mar 31, 2015
SRN6028C-100M BOURNS-SRN6028C-100M Datasheet
144Kb / 5P
Semi-shielded Power Inductors
Mar 31, 2015
SRN6028C-101M BOURNS-SRN6028C-101M Datasheet
144Kb / 5P
Semi-shielded Power Inductors
Mar 31, 2015
SRN6028C-121M BOURNS-SRN6028C-121M Datasheet
144Kb / 5P
Semi-shielded Power Inductors
Mar 31, 2015
SRN6028C-150M BOURNS-SRN6028C-150M Datasheet
144Kb / 5P
Semi-shielded Power Inductors
Mar 31, 2015
More results

Similar Description - SRN6028-R90Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN3015 BOURNS-SRN3015 Datasheet
347Kb / 2P
Semi-shielded Power Inductors
SRN4018 BOURNS-SRN4018 Datasheet
313Kb / 2P
Semi-shielded Power Inductors
SRN1060-100M BOURNS-SRN1060-100M Datasheet
329Kb / 2P
Semi-shielded Power Inductors
SRN8040 BOURNS-SRN8040_13 Datasheet
334Kb / 2P
Semi-shielded Power Inductors
SRN2010TA BOURNS-SRN2010TA Datasheet
246Kb / 3P
Semi-shielded Power Inductors
SRN3012TA BOURNS-SRN3012TA Datasheet
241Kb / 3P
Semi-shielded Power Inductors
SRN2009T BOURNS-SRN2009T Datasheet
416Kb / 4P
Semi-shielded Power Inductors
SRN3010TA BOURNS-SRN3010TA Datasheet
429Kb / 4P
Semi-shielded Power Inductors
SRN5020TA BOURNS-SRN5020TA Datasheet
587Kb / 5P
Semi-shielded Power Inductors
SRN6028C BOURNS-SRN6028C Datasheet
144Kb / 5P
Semi-shielded Power Inductors
Mar 31, 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com