Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALED6000PHTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # ALED6000PHTR
Description  Automotive 3 A single channel LED driver with integrated DC-DC converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6000PHTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ALED6000PHTR Datasheet HTML 35Page - STMicroelectronics ALED6000PHTR Datasheet HTML 36Page - STMicroelectronics ALED6000PHTR Datasheet HTML 37Page - STMicroelectronics ALED6000PHTR Datasheet HTML 38Page - STMicroelectronics ALED6000PHTR Datasheet HTML 39Page - STMicroelectronics ALED6000PHTR Datasheet HTML 40Page - STMicroelectronics ALED6000PHTR Datasheet HTML 41Page - STMicroelectronics ALED6000PHTR Datasheet HTML 42Page - STMicroelectronics ALED6000PHTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Symbol
mm
Min.
Typ.
Max.
L1
1.00
k
0
8
aaa
0.10
Note:
HTSSOP stands for thermally enhanced variations. Dimension “D” does not include mold flash, protrusions or
gate burrs. Mold flash, protrusions or gate burrs shall not exceed 0.15 mm per side. Dimension “E1” does not
include interlead flash or protrusions. Interlead flash or protrusions shall not exceed 0.25 mm per side. The
size of exposed pad is variable depending of lead frame design pad size. End user should verify “D1” and “E2”
dimensions for each device application.
Figure 36. HTSSOP16 recommended footprint
ALED6000
HTSSOP16 package information
DS13018 - Rev 4
page 39/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com