Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9654TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9654TR
Description  Quad squib driver and dual sensor interface ASIC for safety application
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9654TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9654TR Datasheet HTML 18Page - STMicroelectronics L9654TR Datasheet HTML 19Page - STMicroelectronics L9654TR Datasheet HTML 20Page - STMicroelectronics L9654TR Datasheet HTML 21Page - STMicroelectronics L9654TR Datasheet HTML 22Page - STMicroelectronics L9654TR Datasheet HTML 23Page - STMicroelectronics L9654TR Datasheet HTML 24Page - STMicroelectronics L9654TR Datasheet HTML 25Page - STMicroelectronics L9654TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
Functional description
L9654
22/59
DocID14218 Rev 3
4.8.4
Serial data input (MOSI, MOSI_A)
MOSI/MOSI_A input takes data from the master processor while chip select is asserted.
The MSB shall be the first bit of each word/byte received on MOSI/MOSI_A and the LSB
shall be the last bit of each word/byte received. This pin has TTL level compatible input
voltages allowing proper operation with microprocessors using a 3.3 to 5.0 volt supply.
4.9
Deployment drivers
The on-chip deployment drivers are designed to deliver 1.2 A (mi.n) at 6.9 V VRES.
Deployment current is 1.2 A (min.) for 2 ms (min.). The high-side driver survives deployment
with 1.47 A, 35 V at VRES and SQL is shorted to ground for 2.5 ms. Minimum load
resistance is 1.7. At the end of a deployment, a deploy success flag is asserted via SPI.
Each VRES and GND connection are used to accommodate 4 loops that can be deployed
simultaneously.
Upon receiving a valid deployment condition, the respective SQH and SQL drivers are
turned on. SQH and SQL drivers are also turned on momentarily during a MOS diagnostic.
Otherwise, SQH and SQL are inactive under any normal, fault, or transient conditions. Upon
a successful deployment of the respective SQH and SQL drivers, a deploy command
success flag is asserted via SPI. Refer to "deployment sequence" Figure 10 for the valid
condition and the deploy success flag timing.
Figure 10. Deployment drivers diagram
The following power-up conditions are considered as normal operations . VRES input can
be connected to either a power supply output or an ignition voltage. VDD is connected to
5 V output of power supply. When VRES is connected to the power supply, VDD voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com