Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679E Datasheet(PDF) 69 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 69 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 65Page - STMicroelectronics L9679E Datasheet HTML 66Page - STMicroelectronics L9679E Datasheet HTML 67Page - STMicroelectronics L9679E Datasheet HTML 68Page - STMicroelectronics L9679E Datasheet HTML 69Page - STMicroelectronics L9679E Datasheet HTML 70Page - STMicroelectronics L9679E Datasheet HTML 71Page - STMicroelectronics L9679E Datasheet HTML 72Page - STMicroelectronics L9679E Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 124 page
background image
The SPI_LOCK and SPI_UNLOCK signals are available in the SPIDEPEN command:
The arming valid condition is assessed by using the 3 arming discrete input pins FEN1, FEN2 and FENL. All of
these three pins are active high. The device allows two configurations:
•
Config 1 (default): FENL is not used; FEN1 and FEN2 are enablers for any or all the loops, each input
controlling both HS and LS of those loops
•
Config 2: FENL is used and enables all LSs; FEN1 and FEN2 enable for any or all the loops, this time
controlling only HSs
FEN1/2 input pins are assigned to the desired channels by means of the programmable loop matrix.
Deploy commands in the Deploy Command Register (DEPCOM) are channel specific.
Deployment requires a valid arming condition from FENx signals to be set any time before, during or after the
specific sequence of deploy commands is received. It is feasible for a deploy command to be received without a
valid arming condition from the FENx being set. In this case, the deploy command will be terminated according to
the Section 7.1.2 Deploy command expiration timer
Arming signals coming from FENx pins are not stretched by the device so active state of these pins must be kept
during the entire duration of the deployment event to complete it successfully.
7.1.4
Deployment current monitoring
A current comparator is used to indicate when the output current from the HSD, SFx, exceeds the deployment
current threshold, ITHDEPL. The timer signal remains active and increments while the current meets the
programmed deploy current as set in the Deploy Configuration Register. The deployment current counter value
is stored in the Deploy Current Monitor Timer Register XY (DCMTSxy). There is a unique timer register for each
channel.
If the deploy current falls below the specified current threshold momentarily and recovers, the deployment current
counter will pause during the drop-out and continue once the current exceeds the threshold. The deployment
current counter will not be reset by the presence or absence of current in the deployment channel.
Figure 14. Current monitor counter behavior
I(SFx)
ITHDEPL
Normal
operation
Timer continues from t1
Timer pause
t0
t1
t2
t3
GADG0903181146PS
The deploy current counter is reset to $0000 as soon as a toggle on DEP_DISABLED is performed and a new
DEPCOM command on the same channel is received.
7.1.5
Deployment success
Deploy success flag is set when the deploy timer elapses. This bit (CHxDS) is contained in the Deploy Status
Register. Within the Global Status Word register (GSW), a single bit (DEPOK) is also set once any of the 8
deployment channels sets a deploy success flag.
L9679E
Control logic
DS12485 - Rev 5
page 69/124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com