Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9691 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9691
Description  Automotive 16 channels chip for advanced airbag applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9691 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9691 Datasheet HTML 6Page - STMicroelectronics L9691 Datasheet HTML 7Page - STMicroelectronics L9691 Datasheet HTML 8Page - STMicroelectronics L9691 Datasheet HTML 9Page - STMicroelectronics L9691 Datasheet HTML 10Page - STMicroelectronics L9691 Datasheet HTML 11Page - STMicroelectronics L9691 Datasheet HTML 12Page - STMicroelectronics L9691 Datasheet HTML 13Page - STMicroelectronics L9691 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Symbol
Parameter
Min
Typ
Max
Unit
DCS4
DC sensor interface channel 4
-2
-
40
V
DCS5
DC sensor interface channel 5
-2
-
40
V
RSU0
Remote sensor interface channel 0
-1
-
40
V
RSU1
Remote sensor interface channel 1
-1
-
40
V
RSU2
Remote sensor interface channel 2
-1
-
40
V
RSU3
Remote sensor interface channel 3
-1
-
40
V
RSU_SUP_FLT
RSU filtered supply input
-0.3
-
40
V
VSYNC
RSU SYNC pulse supply input
-0.3
-
40
V
RSU4
Remote sensor interface channel 4
-1
-
40
V
RSU5
Remote sensor interface channel 5
-1
-
40
V
RSU6
Remote sensor interface channel 6
-1
-
40
V
RSU7
Remote sensor interface channel 7
-1
-
40
V
DCS6
DC sensor interface channel 6
-2
-
40
V
DCS7
DC sensor interface channel 7
-2
-
40
V
DCS8
DC sensor interface channel 8
-2
-
40
V
DCS9
DC sensor interface channel 9
-2
-
40
V
DCS10
DC sensor interface channel 10
-2
-
40
V
DCS11
DC sensor interface channel 11
-2
-
40
V
GPOD2
General purpose drain output channel 2
-1
-
40
V
GPOD1
General purpose drain output channel 1
-1
-
40
V
GPOD0
General purpose drain output channel 0
-1
-
40
V
SUBGND1
Substrate ground 1 (fused with lead frame)
-0.3
-
0.3
V
SF15
Squib high-side channel 15
-1(4)
-
40
V
SS1415
Squib high-side supply channel 14 and 15
-0.3
-
40
V
SR15
Squib low-side channel 15
-0.3
-
35
V
SG1415
Squib low-side ground channel 14 and 15
-0.3
-
0.3
V
SR14
Squib low-side channel 14
-0.3
-
35
V
SF14
Squib high-side channel 14
-1(4)
-
40
V
SF13
Squib high-side channel 13
-1(4)
-
40
V
SS1213
Squib high-side supply channel 12 and 13
-0.3
-
40
V
SR13
Squib low-side channel 13
-0.3
-
35
V
SG1213
Squib low-side ground channel 12 and 13
-0.3
-
0.3
V
SR12
Squib low-side channel 12
-0.3
-
35
V
SF12
Squib high-side channel 12
-1(4)
-
40
V
SF11
Squib high-side channel 11
-1(4)
-
40
V
SS1011
Squib high-side supply channel 10 and 11
-0.3
-
40
V
SR11
Squib low-side channel 11
-0.3
-
35
V
SG1011
Squib low-side ground channel 10 and 11
-0.3
-
0.3
V
SR10
Squib low-side channel 10
-0.3
-
35
V
SF10
Squib high-side channel 10
-1(4)
-
40
V
SF9
Squib high-side channel 9
-1(4)
-
40
V
L9691
Absolute maximum ratings
DB4803 - Rev 2
page 10/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com