Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960T-TR Datasheet(PDF) 53 Page - STMicroelectronics

Part # L9960T-TR
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960T-TR Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L9960T-TR Datasheet HTML 49Page - STMicroelectronics L9960T-TR Datasheet HTML 50Page - STMicroelectronics L9960T-TR Datasheet HTML 51Page - STMicroelectronics L9960T-TR Datasheet HTML 52Page - STMicroelectronics L9960T-TR Datasheet HTML 53Page - STMicroelectronics L9960T-TR Datasheet HTML 54Page - STMicroelectronics L9960T-TR Datasheet HTML 55Page - STMicroelectronics L9960T-TR Datasheet HTML 56Page - STMicroelectronics L9960T-TR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 95 page
background image
DS11115 Rev 10
53/95
L9960, L9960T
Functional description
94
Vps_norm_hyst
Below Vps norm –
Vps_norm_hyst threshold
blanking time increase
-
0.001
0.1
0.2
V
Tlimh
High current limitation
threshold filtering time
Digital anti glitch filters
(guaranteed through scan)
0.1
0.55
1
µs
Tliml
Low current limitation
threshold filtering time
12
3
µs
SlowDI/DT
Slow current slew rate on HS
drivers
Measured between 20% and
80% of the output current.
(Following limits are related to
SR measured with VPS at 16 V
and with resistive load (6 Ω).
SR are referred to HS drivers
only). (1)
0.3
0.6
0.9
A/µs
FastDI/DT
Fast current slew rate on HS
drivers
12
3
A/µs
SlowDV/DT
Slow current slew rate on HS
drivers
Measured between 20% and
80% of the output voltage.
(Following limits are related to
SR measured with VPS at 16 V
and pure resistive load (6 Ω).
SR are valid for HS drivers only.)
24
7
V/µs
FastDV/DT
Fast current slew rate on HS
drivers
510
17
V/µs
VFastDV/DT
Very fast voltage slew rate on
HS drivers
16
20
30
V/µs
1. Application note will include SR trend with different battery voltage and resistive/inductive load.
Table 63. Electrical characteristics (continued)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com