Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8HN-1A2T-RJ Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G8HN-1A2T-RJ
Description  General, multi-purpose relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8HN-1A2T-RJ Datasheet(HTML) 2 Page - Omron Electronics LLC

  G8HN-1A2T-RJ Datasheet HTML 1Page - Omron Electronics LLC G8HN-1A2T-RJ Datasheet HTML 2Page - Omron Electronics LLC G8HN-1A2T-RJ Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
50
G8HN
Automotive Micro ISO relay
■ Ratings
● Operation coil
● Switching area
■ Performance
■ Packing
Note: All values above are measured in early time under an ambient temperature of +20
°C and humidity of 65% unless stated.
*1. The value stated is at maximum temperature in a guaranteed ambient temperature.
*2. It changes depend on how the rated voltage is operated, but bounce-time is not included.
*3. Measured at DC500V.
*4. Measured under 1mA of leak current, 50/60Hz for 1minute.
*5. Minimum Order Quantity is subject to change, please feel free to contact our sales representatives.
Rated
voltage
(V)
Coil resistance(
Ω)
Rated
current
(mA)
Operating
voltage
(V)
Release
voltage
(V)
Service voltage
range
(V)
Rated power
consumption
(mW)
Between terminals (Surge suppression)
DC
12
95.9
(1.1k, 1/4W)
125
8.0 or less
1.2 or more
DC10 to 16
1502
12
124.2
97
8.0 or less
1.2 or more
DC10 to 16
1159
24
315.1
(4.3k, 1/4W)
76
16.0 or less
2.4 or more
DC20 to 32
1828
Item
Performance
Contact material
Silver alloy
Kinds
Standard
High-current
Rated voltage
DC12V
DC24V
DC12V
Rated load
N.O. side
Resistance load, 20A
Resistance load, 10A
Resistance load, 35A
N.C. side
Resistance load, 10A
Resistance load, 5A
Resistance load, 20A
Inrush cur-
rent
N.O. side
100A
50A
120A
N.C. side
60A
30A
60A
Continu-
ous carry
current*1
N.O. side
20A
10A
35A
N.C. side
10A
5A
20A
Min. Carry / Switching
Current
DC12V 1A
(Reference)
Item
Standard value
Standard
High-current
Rated voltage
DC12V
DC24V
DC12V
Voltage drop
between terminals
N.O. side
200 mV or less, 20A
200 mV or less, 10A
200 mV or less, 35A
N.C. side
200 mV or less, 10A
200 mV or less, 5A
200 mV or less, 20A
Operating time*2
10ms or less
Release time*2
15ms or less
Insulation
resistance*3
Between coil and terminal
10M
Ω or more
Between homopolar contacts
10M
Ω or more
Withstand
voltage*4
Between coil and terminal
AC500V for 1minute
Between homopolar contacts
AC500V for 1minute
Vibration
tolerance
Durability
33Hz 43.1m/s2
Malfunction
(Detection:1ms)
20 to 500Hz 43.1m/s2
Shock re-
sistance
Durability
1000m/s2(Operation time:6ms)
Malfunction
(Detection:1ms)
100m/s2(Operation time:11ms)
Mechanical endurance
1,000,000 times or more
Electrical endurance
100,000 times
Ambient temperature
−40 to +100°C
Ambient humidity
35 to 85%RH
Weight
Approx. 20.0 g
Packing form
Tray
MOQ*5
500pcs(50pcs × 10 trays)
Please confirm Omron Safety Precautions for all automotive relays first.
Omron can not guarantee automotive relays before finish making a contract with product specifications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com