Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8HN-1C2T-RJ Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G8HN-1C2T-RJ
Description  General, multi-purpose relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8HN-1C2T-RJ Datasheet(HTML) 1 Page - Omron Electronics LLC

  G8HN-1C2T-RJ Datasheet HTML 1Page - Omron Electronics LLC G8HN-1C2T-RJ Datasheet HTML 2Page - Omron Electronics LLC G8HN-1C2T-RJ Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
49
G8HN
Automotive Micro ISO relay
General, multi-purpose relay
• 12VDC, 24VDC coil
• High-wattage
• Surge suppression, diode type available
• Fully sealed type (Protective structure)
• Bracket and rubber suspension type available
• High wattage type meets mini ISO wattage specifi-
cation
• High contact reliability due to low terminal temper-
ature rise.
■ Type standard
G8HN-
@@@@-@@
➀ ➁➂➃ ➄➅
Note: Built-in diode available
■ Classification
Classification
Symbol
Meaning of the symbol
➀ Number of contact poles
1
Number of contact poles
➁
Contact structure
A
1a contact
C
1c contact
➂
Protective structure
2
Unsealed (In a case)
4
Simple plastic seal
➃
Terminal form
T
Plug-in terminal
➄
Surge suppressor
D
Built-in diode
R
Built-in resistor
➅
Kind
J
Standard spec
H
High current spec
Classification
Terminal form
Contact
structure
Protective
structure
Rated coil
Type
Characteristics
Voltage (V)
Resistance (
Ω)
Micro ISO
Plug-in ISO terminal
SPST(1a)
Unsealed
(In a case)
DC24
315.1
G8HN-1A2T-RJ
Standard
DC12
95.9
124.2
G8HN-1A2T-RH
High-current
Simple
plastic seal
DC24
315.1
G8HN-1A4T-RJ
Standard
DC12
95.9
124.2
G8HN-1A4T-RH
High-current
SPDT(1c)
Unsealed
(In a case)
DC24
315.1
G8HN-1C2T-RJ
Standard
DC12
95.9
124.2
G8HN-1C2T-RH
High-current
Simple
plastic seal
DC24
315.1
G8HN-1C4T-RJ
Standard
DC12
95.9
124.2
G8HN-1C4T-RH
High-current
Please confirm Omron Safety Precautions for all automotive relays first.
Omron can not guarantee automotive relays before finish making a contract with product specifications.


Similar Part No. - G8HN-1C2T-RJ

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8HN-1C2T-R OMRON-G8HN-1C2T-R Datasheet
156Kb / 5P
Micro ISO Automotive Relay
G8HN-1C2T-R OMRON-G8HN-1C2T-R Datasheet
252Kb / 8P
Micro ISO Automotive Relay
More results

Similar Description - G8HN-1C2T-RJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
General Purpose Relay
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
General Purpose Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com