Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8W-1A7T-R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G8W-1A7T-R
Description  Mini 280 terminal layout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8W-1A7T-R Datasheet(HTML) 1 Page - Omron Electronics LLC

  G8W-1A7T-R Datasheet HTML 1Page - Omron Electronics LLC G8W-1A7T-R Datasheet HTML 2Page - Omron Electronics LLC G8W-1A7T-R Datasheet HTML 3Page - Omron Electronics LLC G8W-1A7T-R Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
G8W
Automotive Mini 280 relay
Mini 280 terminal layout
• Both SPST and SPDT available
• Plug-in and weatherproof type
• L x W x H = 28 x 28 x 25.5 mm nominal
• 280-terminal type 2.8 x 0.82 mm
• Full automated assembly
■ Type standard
G8W-
@@@@-@-@
➀➁ ➂➃ ➄ ➅
■ Classification
Classification
Symbol
Meaning of the symbol
➀ Number of contact poles
1
Number of contact poles
➁ Contact structure
A
1a contact
C
1c contact
➂ Protective structure
6
Unsealed (Weather proof type)
7
Unsealed (In a case)
➃ Terminal form
T
Plug-in type
➄ Bracket
-
Standard case
F
Metal bracket + Connector guide
➅ Surge suppressor
R
Built-in resistor
Classification
Terminal form
Contact
structure
Protective
structure
Rated coil
Type
Bracket
Voltage
(V)
Resistance
(
)
Mini 280
Plug-in 280 terminal
SPST
(1a)
Unsealed
(Weather
proof type)
DC12
78
G8W-1A6T-F-R
Metal bracket + Connector guide
Unsealed
(In a case)
G8W-1A7T-R
Standard plug-in
SPDT
(1c)
Unsealed
(Weather
proof type)
G8W-1C6T-F-R
Metal bracket + Connector guide
Unsealed
(In a case)
G8W-1C7T-R
Standard plug-in
Please confirm Omron Safety Precautions for all automotive relays first.
Omron can not guarantee automotive relays before finish making a contract with product specifications.


Similar Part No. - G8W-1A7T-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8W-1A7T-R-DC12 OMRON-G8W-1A7T-R-DC12 Datasheet
168Kb / 4P
Mini-280 Automotive Relay
More results

Similar Description - G8W-1A7T-R

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
16808 VICOR-16808 Datasheet
107Kb / 1P
PCB LAYOUT DRAWING FOR MINI SIZE MODULE
logo
Tyco Electronics
VF28 MACOM-VF28 Datasheet
186Kb / 5P
Plug-In Relays Mini 280 Relays
logo
Omron Electronics LLC
G8W OMRON-G8W Datasheet
168Kb / 4P
Mini-280 Automotive Relay
G8V OMRON-G8V Datasheet
733Kb / 3P
Micro 280 terminal layout
G8VA OMRON-G8VA Datasheet
444Kb / 2P
Automotive low profile micro 280 terminal layout relay
logo
PHOENIX CONTACT
1052015-0271 PHOENIX-1052015-0271 Datasheet
48Kb / 2P
Marker for terminal blocks - ZB 8,LGS:FORTL.ZAHLEN271-280
logo
Molex Electronics Ltd.
ATS-638247800 MOLEX-ATS-638247800 Datasheet
917Kb / 2P
Extractor Tool for CTX-J 280 Receptacle Crimp Terminal
08-18-17
2002182500 MOLEX-2002182500 Datasheet
1Mb / 8P
Hand Crimp Tool for CTX-J 280 Receptacle Terminal Sealed Crimp Terminal
03-28-17
logo
Omron Electronics LLC
G8V-RH OMRON-G8V-RH_V01 Datasheet
340Kb / 3P
High current Micro 280 terminal layout
logo
Rosenberger Hochfrequen...
MB-522 ROSENBERGER-MB-522 Datasheet
172Kb / 2P
Leiterplatten-Layout PCB Layout
21.08.2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com